| Electronic Components Datasheet Search |
|
STR752FR0T6 Datasheet(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR752FR0T6 Datasheet(HTML) 43 Page - STMicroelectronics |
|
43 / 84 page ![]() STR750Fxx STR751Fxx STR752Fxx STR755Fxx Electrical parameters 43/84 On-Chip peripheral power consumption Conditions: –VDD_IO=VDDA_ADC=VDDA_PLL=3.3 V or 5 V ±10% unless otherwise specified. –TA= 25° C – Clocked by OSC4M with PLL multiplication, fCK_SYS=64 MHz, fHCLK=32 MHz, fPCLK=32 MHz . Table 19. On-Chip peripherals Symbol Parameter Typ (3.3V and 5.0V) Unit IDD(TIM) TIM Timer supply current (1) 1. Data based on a differential IDD measurement between reset configuration and timer counter running at 32 MHz. No IC/OC programmed (no I/O pads toggling) 0.7 mA IDD(PWM) PWM Timer supply current(2) 2. Data based on a differential IDD measurement between reset configuration and PWM running at 32 MHz. This measurement does not include PWM pads toggling consumption. 1 IDD(SSP) SSP supply current (3) 3. Data based on a differential IDD measurement between reset configuration and permanent SPI master communication at maximum speed 16 MHz. The data sent is 55h. This measurement does not include the pad toggling consumption. 1.3 IDD(UART) UART supply current (4) 4. Data based on a differential IDD measurement between reset configuration and a permanent UART data transmit sequence at 1Mbauds. This measurement does not include the pad toggling consumption. 1.6 IDD(I2C) I2C supply current (5) 5. Data based on a differential IDD measurement between reset configuration (I2C disabled) and a permanent I2C master communication at 100kHz (data sent equal to 55h). This measurement includes the pad toggling consumption but not the external 10kOhm external pull-up on clock and data lines. 0.3 IDD(ADC) ADC supply current when converting (6) 6. Data based on a differential IDD measurement between reset configuration and continuous A/D conversions at 8 MHz in scan mode on 16 inputs configured as AIN. 1.2 IDD(USB) USB supply current (7) Note: VDD_IO must be 3.3 V ±10% 7. Data based on a differential IDD measurement between reset configuration and a running generic HID application. 0.90 IDD(CAN) CAN supply current (8) 8. Data based on a differential IDD measurement between reset configuration (CAN disabled) and a permanent CAN data transmit sequence in loopback mode at 1MHz. This measurement does not include the pad toggling consumption. 2.8 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |