| Electronic Components Datasheet Search |
|
STR752FR1T7 Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR752FR1T7 Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 84 page ![]() Pin description STR750Fxx STR751Fxx STR752Fxx STR755Fxx 20/84 68 A10 P1.02 / TIM2_OC2 I/O TT X XO2 X X Port 1.02 TIM2: Output compare 2 (remappable to P0.06)(8) 69 D7 44 C6 VDD_IO S Supply Voltage for digital I/Os 70 D8 45 D6 VDDA_ADC S Supply Voltage for A/D converter 71 C9 P2.11 I/O TT X XO2 X X Port 2.11 72 B10 P2.10 I/O TT X XO2 X X Port 2.10 73 C8 46 D7 VSSA_ADC S Ground Voltage for A/D converter 74 C7 47 C7 VSS_IO S Ground Voltage for digital I/Os 75 E8 48 D5 VREG_DIS I TT Voltage Regulator Disable input 76 A9 49 A8 P0.07 / SMI_DOUT / SSP0_MOSI I/O TT X XEIT2 O4 X X Port 0.07 Serial Memory Interface: data output SSP0: Master out Slave in data 77 A8 50 A7 P0.06 / SMI_DIN / SSP0_MISO I/O TT X XO4 X X Port 0.06 Serial Memory Interface: data input SSP0: Master in Slave out data 78 A7 51 A6 P0.05 / SSP0_SCLK / SMI_CK I/O TT X XEIT1 O4 X X Port 0.05 SSP0: Serial clock Serial Memory Interface: Serial clock output 79 B7 52 B6 P0.04 / SMI_CS0 / SSP0_NSS I/O TT X XO4 X X Port 0.04 Serial Memory Interface: chip select output 0 SSP0: Slave select input 80 C5 53 B7 P1.10 PWM_EMERGE NCY I/O TT X XEIT10 O2 X X Port 1.10 PWM: Emergency input 81 B6 54 B5 P1.09 / PWM1 I/O TT X XEIT9 O4 X X Port 1.09 PWM: PWM1 output 82 C6 P2.09 / PWM1N I/O TT X XO2 X X Port 2.09 PWM: PWM1 complementary output(4) 83 G7 P2.08 / PWM2 I/O TT X XO2 X X Port 2.08 PWM: PWM2 output(4) 84 G6 P2.07 / PWM2N I/O TT X XO2 X X Port 2.07 PWM: PWM2 complementary output(4) 85 F7 P2.06 / PWM3 I/O TT X XO2 X X Port 2.06 PWM: PWM3 output(4) 86 F6 P2.05 / PWM3N I/O TT X XO2 X X Port 2.05 PWM: PWM3 complementary output(4) 87 A6 55 A5 P1.08 / PWM1N / ADC_IN11 I/O TT X XO4 X X Port 1.08 PWM: PWM1 complementary output(8) ADC: analog input 11 88 B5 56 B4 P1.07 / PWM2 I/O TT X XEIT8 O4 X X Port 1.07 PWM: PWM2 output(4) 89 A5 57 A4 P1.06 / PWM2N / ADC_IN10 I/O TT X XO4 X X Port 1.06 PWM: PWM2 complementary output(4) ADC: analog input 10 90 B4 58 B3 P1.05 / PWM3 I/O TT X XEIT7 O4 X X Port 1.05 PWM: PWM3 output(4) Table 6. STR750F pin description (continued) Pin n° Pin name Input Output Main function (after reset) Alternate function OD (3) PP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |