Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SHU04FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SHU04FS
Description  INVERTER (Un-Buffer)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SHU04FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SHU04FS Datasheet HTML 1Page - Toshiba Semiconductor TC7SHU04FS Datasheet HTML 2Page - Toshiba Semiconductor TC7SHU04FS Datasheet HTML 3Page - Toshiba Semiconductor TC7SHU04FS Datasheet HTML 4Page - Toshiba Semiconductor TC7SHU04FS Datasheet HTML 5Page - Toshiba Semiconductor TC7SHU04FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7SHU04FS
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SHU04FS
INVERTER (Un-Buffer)
Features
High speed: tpd = 3.5 ns (typ.) at VCC = 5 V
Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
High noise immunity: VNIH = VNIL = 10% VCC (min)
5.5V tolerant input.
Wide operating voltage range: VCC (opr) = 2~5.5 V
Marking
・
Pin Assignment
(top view)
(fSV)
Weight : 0.001 g (Typ.)
Type Name
H 6
IN A
GND
NC
1
2
3
5
4
VCC
OUT Y
SON5-P-0.35


Similar Part No. - TC7SHU04FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SHU04F TOSHIBA-TC7SHU04F Datasheet
194Kb / 5P
INVERTER
07-Apr-1997
TC7SHU04FE TOSHIBA-TC7SHU04FE Datasheet
147Kb / 5P
INVERTER (Un-Buffer)
TC7SHU04FU TOSHIBA-TC7SHU04FU Datasheet
194Kb / 5P
INVERTER
07-Apr-1997
TC7SHU04FU TOSHIBA-TC7SHU04FU_09 Datasheet
172Kb / 6P
INVERTER (Un-Buffer)
TC7SHU04F TOSHIBA-TC7SHU04F_09 Datasheet
172Kb / 6P
INVERTER (Un-Buffer)
More results

Similar Description - TC7SHU04FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SGU04AFS TOSHIBA-TC7SGU04AFS Datasheet
174Kb / 6P
Inverter (Un-Buffer)
TC7SGU04FE TOSHIBA-TC7SGU04FE Datasheet
165Kb / 6P
Inverter (Un-Buffer)
TC7SHU04FE TOSHIBA-TC7SHU04FE Datasheet
147Kb / 5P
INVERTER (Un-Buffer)
TC7WGU04FU TOSHIBA-TC7WGU04FU Datasheet
195Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
TC7WZU04FU TOSHIBA-TC7WZU04FU Datasheet
220Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
TC7SZU04F TOSHIBA-TC7SZU04F_07 Datasheet
185Kb / 7P
Inverter (Un-Buffer)
TC7SAU04F TOSHIBA-TC7SAU04F_07 Datasheet
202Kb / 8P
Inverter (Un-Buffer)
TC7SHU04F TOSHIBA-TC7SHU04F_09 Datasheet
172Kb / 6P
INVERTER (Un-Buffer)
TC7WHU04FK TOSHIBA-TC7WHU04FK_09 Datasheet
181Kb / 7P
Triple Inverter(Un-Buffer)
TC7PGU04FU TOSHIBA-TC7PGU04FU Datasheet
276Kb / 6P
Dual Inverter (Un-Buffer)
2013-07-25
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com