Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L431L Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # L431L
Description  1.24V Low-Voltage Adjustable Precision Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L431L Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  L431L Datasheet HTML 1Page - List of Unclassifed Manufacturers L431L Datasheet HTML 2Page - List of Unclassifed Manufacturers L431L Datasheet HTML 3Page - List of Unclassifed Manufacturers L431L Datasheet HTML 4Page - List of Unclassifed Manufacturers L431L Datasheet HTML 5Page - List of Unclassifed Manufacturers L431L Datasheet HTML 6Page - List of Unclassifed Manufacturers L431L Datasheet HTML 7Page - List of Unclassifed Manufacturers L431L Datasheet HTML 8Page - List of Unclassifed Manufacturers L431L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NIKO-SEM
L431L
3
1.24V Low-Voltage Adjustable
Precision Shunt Regulator
TEST CIRCUITS
IN
V
V
KA
K
I
REF
I
VREF
R1
R2
- TEST CIRCUIT 2 -
>
(VKA
VREF)
REF
I
)
V
KA
V
=
- TEST CIRCUIT 1 -
KA
V
REF
(V
IN
- TEST CIRCUIT 3 -
KA
VV
IN
K (OFF)
I
(OFF STATE CURRENT)
IK
Applications Information – Stability
Selection of load capacitance when using
L431L as a shunt regulator
When the L431L is used as a shunt regulator,
two options for selection of CL are
recommended for optimal stability:
1. No load capacitance across the device,
decouple at the load.
2. Large capacitance across the device,
optional decoupling at the load.
The reason for this is that L431L exhibits
instability with capacitances in the range of
1nF to 1uf (approx.) at light cathode currents
(up to 3mA typical). The device is less stable
the lower the cathode voltage has been set for.
Therefore while the device will be perfectly
stable operating at a cathode current of 10mA
with a 0.1uF capacitor across it, it will oscillate
transiently during start-up as the cathode
current passes through the instability region.
Selecting a very low
(or preferably, no)capacitance, or alter-
natively a high capacitance (such as 10uF)
will avoid this issue altogether. Since the
user will probably wish to have local
decoupling at the load anyway, the most
cost effective method is to use no
capacitance at all directly across the
device. PCB trace/via resistance and
inductance prevent the local load de-
coupling from causing the oscillation during
the transient start-up phase. Note : if the
L431L is located right at the load, so the
load decoupling capacitor is directly across
it, then this capacitor will have to be
≦
100pF or ≧ 1uF.
APR-25-2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com