Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L431LM3B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L431LM3B
Description  1.24V Low-Voltage Adjustable Precision Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L431LM3B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L431LM3B Datasheet HTML 1Page - List of Unclassifed Manufacturers L431LM3B Datasheet HTML 2Page - List of Unclassifed Manufacturers L431LM3B Datasheet HTML 3Page - List of Unclassifed Manufacturers L431LM3B Datasheet HTML 4Page - List of Unclassifed Manufacturers L431LM3B Datasheet HTML 5Page - List of Unclassifed Manufacturers L431LM3B Datasheet HTML 6Page - List of Unclassifed Manufacturers L431LM3B Datasheet HTML 7Page - List of Unclassifed Manufacturers L431LM3B Datasheet HTML 8Page - List of Unclassifed Manufacturers L431LM3B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
NIKO-SEM
L431L
1
1.24V Low-Voltage Adjustable
Precision Shunt Regulator
GENERAL DESCRIPTION
The L431L is a three-terminal adjustable shunt
regulator utilizing an accurate 1.24V band gap
reference. The output voltage can be set to any
value between 1.24V (VREF) to 18V with two
external resistors as shown in the typical
application circuit. The device exhibit a wide
operating current range of 0.2 to 100 mA with a
typical dynamic impedance of 0.25Ω. Active
output circuitry provides a very sharp turn-on
characteristic, making the L431L excellent re-
placements for low-voltage zener diodes in
many applications, including on-board regulat-
ion and adjustable power supplies.
When used with an opto-coupler, the L431L is
ideal voltage reference in isolated feedback
circuits for 3.3V switching-mode power supplies.
The L431L shunt regulator is available in two
voltage tolerances (0.5% & 1.0%) and three
package options (TO-92, SOT-23-3 and SO-8).
FEATURES
Internal amplifier with 100 mA capability
Programmable output voltage to 18V
0.25Ω typical output impedance
Pin to pin compatible with TLV431A,
TS431, SC431L & AS432
Trimmed bandgap design 0.5% & 1.0%
with three package options
Low output noise
APPLICATIONS
Linear regulator controller
Precision voltage reference
Switching power supplies
Battery operating equipment
Instrumentation
PCs, Computer disk drives
SYMBOL & BLOCK DIAGRAM
Anode (A)
Cathod
Reference
-
+
Cathode (K)
Anode (A)
Reference (R)
1.24 Vref
FUNCTIONAL BLOCK DIAGRAM
SYMBOL
(R)
(K)
APR-25-2002


Similar Part No. - L431LM3B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L431 ETC1-L431 Datasheet
291Kb / 11P
2.5V Low-Voltage Adjustable Precision Shunt Regulator
L431M3A ETC1-L431M3A Datasheet
291Kb / 11P
2.5V Low-Voltage Adjustable Precision Shunt Regulator
L431M5A ETC1-L431M5A Datasheet
291Kb / 11P
2.5V Low-Voltage Adjustable Precision Shunt Regulator
L431NA ETC1-L431NA Datasheet
291Kb / 11P
2.5V Low-Voltage Adjustable Precision Shunt Regulator
L431VA ETC1-L431VA Datasheet
291Kb / 11P
2.5V Low-Voltage Adjustable Precision Shunt Regulator
More results

Similar Description - L431LM3B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L432 ETC-L432 Datasheet
283Kb / 11P
1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TL432 HTC-TL432 Datasheet
165Kb / 5P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_07 Datasheet
177Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z Datasheet
131Kb / 6P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432 HTC-TL432_10 Datasheet
470Kb / 7P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com