Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5219 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5219
Description  500mA-Peak Output LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5219 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5219 Datasheet HTML 5Page - Micrel Semiconductor MIC5219 Datasheet HTML 6Page - Micrel Semiconductor MIC5219 Datasheet HTML 7Page - Micrel Semiconductor MIC5219 Datasheet HTML 8Page - Micrel Semiconductor MIC5219 Datasheet HTML 9Page - Micrel Semiconductor MIC5219 Datasheet HTML 10Page - Micrel Semiconductor MIC5219 Datasheet HTML 11Page - Micrel Semiconductor MIC5219 Datasheet HTML 12Page - Micrel Semiconductor MIC5219 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
April 2001
11
MIC5219
MIC5219
Micrel
0
2
4
6
8
10
0
20406080
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
0
2
4
6
8
10
0
20406080
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
0
2
4
6
8
10
0
20406080
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
0
2
4
6
8
10
0
20406080
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
0
2
4
6
8
10
0
20406080
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
0
2
4
6
8
10
0
20406080
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
0
2
4
6
8
10
0
20406080
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
0
2
4
6
8
10
0
20406080
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
0
2
4
6
8
10
0
20406080
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
0
2
4
6
8
10
0
20406080
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
0
2
4
6
8
10
0
20406080
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
0
2
4
6
8
10
0
20406080
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
a. 25
°C Ambient
b. 50
°C Ambient
c. 85
°C Ambient
Figure 4. MIC5219-x.xBMM (MSOP-8) on 1-inch2 Copper Cladding
a. 25
°C Ambient
b. 50
°C Ambient
c. 85
°C Ambient
Figure 3. MIC5219-x.xBMM (MSOP-8) on Minimum Recommended Footprint
a. 25
°C Ambient
b. 50
°C Ambient
c. 85
°C Ambient
Figure 2. MIC5219-x.xBM5 (SOT-23-5) on 1-inch2 Copper Cladding
a. 25
°C Ambient
b. 50
°C Ambient
c. 85
°C Ambient
Figure 1. MIC5219-x.xBM5 (SOT-23-5) on Minimum Recommended Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com