Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SP3066TU Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC7SP3066TU
Description  Low Voltage Dual Supply Single Bus Switch (analog)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SP3066TU Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC7SP3066TU Datasheet HTML 2Page - Toshiba Semiconductor TC7SP3066TU Datasheet HTML 3Page - Toshiba Semiconductor TC7SP3066TU Datasheet HTML 4Page - Toshiba Semiconductor TC7SP3066TU Datasheet HTML 5Page - Toshiba Semiconductor TC7SP3066TU Datasheet HTML 6Page - Toshiba Semiconductor TC7SP3066TU Datasheet HTML 7Page - Toshiba Semiconductor TC7SP3066TU Datasheet HTML 8Page - Toshiba Semiconductor TC7SP3066TU Datasheet HTML 9Page - Toshiba Semiconductor TC7SP3066TU Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TC7SP3066,3067TU
2007-10-19
7
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCCA (V) VCCB (V)
Typ.
Unit
Control input capacitance
CIN
2.5
3.3
7
pF
Switch input/output capacitance
CI/O
OE = VCCA, OE = GND
2.5
3.3
10
pF
AC Test Circuit
VCCB (output)
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8
± 0.15 V
RL
500
Ω
1 k
Ω
CL
30 pF
30 pF
Figure 1
6.0 V or VCCB × 2
Open
GND
Switch
Output
Measure
Parameter
Switch
tpLH, tpHL
Open
6.0 V
@ VCCB = 3.3 ± 0.3 V
tpLZ, tpZL
VCCB × 2@ VCCB = 2.5 ± 0.2 V
@ VCCB = 1.8 ± 0.15 V
tpHZ, tpZH
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com