Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA538B Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA538B
Description  2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA538B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA538B Datasheet HTML 16Page - STMicroelectronics STA538B Datasheet HTML 17Page - STMicroelectronics STA538B Datasheet HTML 18Page - STMicroelectronics STA538B Datasheet HTML 19Page - STMicroelectronics STA538B Datasheet HTML 20Page - STMicroelectronics STA538B Datasheet HTML 21Page - STMicroelectronics STA538B Datasheet HTML 22Page - STMicroelectronics STA538B Datasheet HTML 23Page - STMicroelectronics STA538B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
PLL
STA538
20/59
PLL filter
Figure 5 shows the PLL filter scheme. Recommended values are R1 = 12.5 k
Ω,
C1 = 250 pF, and C2 = 82 pF.
Figure 5.
PLL filter scheme
Table 10 on page 14 gives a typical lock time value for the PLL.
5.2
Configuration examples
The STA538 PLL can be configured in two ways:
default startup configuration
direct PLL programming
The default startup configuration reads the device’s defaults. With this configuration, it is not
necessary to program the PLL dividers directly as some presets are used. In this mode, the
oversampling ratio between pins XTI (or MCLK33) and LRCLKI is fixed to 256.
The direct PLL programming bypasses the automatic presets allowing direct programming
of the PLL dividers.
The output PLL frequency can be determined as following:
Output division factor:
ODF = 2
Relation between input and output clock frequency:
FINFIN = FXTI / IDF
If register bit PLLCFG0.FRAC_CTRL = 1
FVCO = FINFIN * (LDF + FRACT/2
16 + 1/217)
FPHI = FVCO / ODF
When register bit PLLCFG0.DITHER_DISABLE[1] = 1, the 1/217 factor is not in the
multiplication. This is recommended in order to keep register bit
PLLCFG0.DITHER_DISABLE[1] = 0, otherwise there can be spurious signals in the output
clock spectrum.
C2
R1
C1
Vc
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com