Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGA.0R.310.SLM Datasheet(PDF) 1 Page - LEMO Connectors

Part # EGA.0R.310.SLM
Description  Socket / Receptacle - Fixed Panel Front Mounted
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

EGA.0R.310.SLM Datasheet(HTML) 1 Page - LEMO Connectors

  EGA.0R.310.SLM Datasheet HTML 1Page - LEMO Connectors EGA.0R.310.SLM Datasheet HTML 2Page - LEMO Connectors EGA.0R.310.SLM Datasheet HTML 3Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.lemo.com/int_en/ega-0r-310-slm.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
EGA.0R.310.SLM
Image for illustrative purpose only
Summary
Request a quote
Catalog
Number of contacts Low Voltage
10
Wire Size/AWG
24 - 20
Socket / Receptacle
Socket / Receptacle - Fixed Panel Front Mounted
Locking system
Push-pull
Jacket cable outside diameter [mm]
1.60 - 6.20 mm
Size
0R
Suggested matching part
FGA.0R.310.SLC62


Similar Part No. - EGA.0R.310.SLM

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
EGA.0R.310.SLN LEMO-EGA.0R.310.SLN Datasheet
65Kb / 2P
Socket / Receptacle - Fixed Panel Front Mounted
More results

Similar Description - EGA.0R.310.SLM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS3100RSFK GLENAIR-ITS3100RSFK Datasheet
721Kb / 2P
Front Panel Mount Square Flange Receptacle
ITS3102YFK GLENAIR-ITS3102YFK Datasheet
317Kb / 2P
Front Panel Mount Square Flange Receptacle
FRITS4100RG GLENAIR-FRITS4100RG Datasheet
402Kb / 2P
Front Panel Mount Square Flange Receptacle
FRITS4102AFS GLENAIR-FRITS4102AFS Datasheet
718Kb / 2P
Front Panel Mount Square Flange Receptacle
IPT00J18-11SZC GLENAIR-IPT00J18-11SZC Datasheet
225Kb / 2P
Front Panel Mount Square Flange Receptacle
IPT00MSE18-11SZC GLENAIR-IPT00MSE18-11SZC Datasheet
219Kb / 2P
Front Panel Mount Square Flange Receptacle
880-003R GLENAIR-880-003R Datasheet
453Kb / 2P
Front Panel Mount Receptacle
ITS-3100-RS GLENAIR-ITS-3100-RS Datasheet
160Kb / 2P
Front Panel Mount Square Flange Receptacle
ITS-500-00 GLENAIR-ITS-500-00 Datasheet
382Kb / 2P
Front Panel Mount Square Flange Receptacle
ITS-3102-Y GLENAIR-ITS-3102-Y Datasheet
230Kb / 2P
Front Panel Mount Square Flange Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com