Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLWJ1100 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLWJ1100
Description  Panel Circuit Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWJ1100 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLWJ1100 Datasheet HTML 1Page - Toshiba Semiconductor TLWJ1100 Datasheet HTML 2Page - Toshiba Semiconductor TLWJ1100 Datasheet HTML 3Page - Toshiba Semiconductor TLWJ1100 Datasheet HTML 4Page - Toshiba Semiconductor TLWJ1100 Datasheet HTML 5Page - Toshiba Semiconductor TLWJ1100 Datasheet HTML 6Page - Toshiba Semiconductor TLWJ1100 Datasheet HTML 7Page - Toshiba Semiconductor TLWJ1100 Datasheet HTML 8Page - Toshiba Semiconductor TLWJ1100 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLWJ1100(T11)
2007-10-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20 mA
2.8
3.3
4.0
V
Reverse Voltage
VR
IR = 10 mA
⎯
0.75
⎯
V
Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Cx
IF = 20 mA
(Note 2)
⎯
Chromaticity
Cy
IF = 20 mA
(Note 2)
⎯
Luminous Intensity
(Note 3)
IV
IF = 20 mA
400
750
1250
mcd
Note 2: The product is tested at the following chromaticity coordinate groups.
Test conditions: IF=20mA, Ta=25°C
Tolerance: +/-0.01
0.20
0.21
0.22
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.25 0.26 0.27 0.28 0.29 0.30 0.31 0.32 0.33 0.34 0.35 0.36 0.37
Cx
7L
7K
8L
6L
4L
5L
3L
3K
4K
5K
6K
8K
Cx
Cy
Cx
Cy
Cx
Cy
0.273 0.227
0.296 0.259
0.330 0.310
0.266 0.232
0.291 0.268
0.330 0.330
0.280 0.252
0.310 0.297
0.338 0.342
0.286 0.244
0.313 0.284
0.352 0.344
0.266 0.232
0.291 0.268
0.330 0.330
0.258 0.239
0.285 0.279
0.330 0.347
0.273 0.261
0.307 0.312
0.347 0.371
0.280 0.252
0.310 0.297
0.345 0.352
0.286 0.244
0.313 0.284
0.352 0.344
0.280 0.252
0.310 0.297
0.338 0.342
0.291 0.268
0.330 0.330
0.364 0.380
0.296 0.259
0.330 0.310
0.360 0.357
0.280 0.252
0.310 0.297
0.345 0.352
0.273 0.261
0.307 0.312
0.347 0.371
0.285 0.279
0.330 0.347
0.367 0.401
0.291 0.268
0.330 0.330
0.364 0.380
3K
3L
4K
4L
5K
7K
5L
7L
6K
8K
6L
8L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com