Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7WBL126AFK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7WBL126AFK
Description  CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WBL126AFK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7WBL126AFK Datasheet HTML 1Page - Toshiba Semiconductor TC7WBL126AFK Datasheet HTML 2Page - Toshiba Semiconductor TC7WBL126AFK Datasheet HTML 3Page - Toshiba Semiconductor TC7WBL126AFK Datasheet HTML 4Page - Toshiba Semiconductor TC7WBL126AFK Datasheet HTML 5Page - Toshiba Semiconductor TC7WBL126AFK Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC7WBL126AFK
2007-10-19
2
Truth Table
Inputs
OE
Function
H
A port
= B port
L
Disconnect
Logic Diagram
Absolute Maximum Ratings (Note) (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Power supply range
VCC
−0.5~4.6
V
Control pin input voltage
VIN
−0.5~4.6
V
Switch terminal I/O voltage
VS
−0.5~Vcc+0.5
V
Control input pin
−50
Clump diode
current
Switch terminal
IIK
±50
mA
Switch I/O current
IS
128
mA
Power dissipation
PD
200
mW
DC VCC/GND current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65~150
°C
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (Note)
Characteristic
Symbol
Rating
Unit
Power supply voltage
VCC
2.0~3.6
V
Control pin input voltage
VIN
0~3.6
V
Switch I/O voltage
VS
0~Vcc
V
Operating temperature
Topr
−40~85
°C
Input rise and fall time
dt/dv
0~10
ns/V
Note: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
OE1
A1
B1
OE2
A2
B2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com