Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7WG04FC Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7WG04FC
Description  CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG04FC Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7WG04FC Datasheet HTML 1Page - Toshiba Semiconductor TC7WG04FC Datasheet HTML 2Page - Toshiba Semiconductor TC7WG04FC Datasheet HTML 3Page - Toshiba Semiconductor TC7WG04FC Datasheet HTML 4Page - Toshiba Semiconductor TC7WG04FC Datasheet HTML 5Page - Toshiba Semiconductor TC7WG04FC Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7WG04FC
2007-11-01
3
Electrical Characteristics
DC Electrical Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
VCC
⎯
⎯
VCC
⎯
1.1~1.3
VCC
× 0.7
⎯
⎯
VCC
× 0.7
⎯
1.4~1.6
VCC
× 0.65
⎯
⎯
VCC
× 0.65
⎯
1.65~1.95
VCC
× 0.65
⎯
⎯
VCC
× 0.65
⎯
2.3~2.7
1.7
⎯
⎯
1.7
⎯
High-level
input voltage
VIH
⎯
3.0~3.6
2.0
⎯
⎯
2.0
⎯
V
0.9
⎯
⎯
GND
⎯
GND
1.1~1.3
⎯
⎯
VCC
× 0.3
⎯
VCC
× 0.3
1.4~1.6
⎯
⎯
VCC
× 0.35
⎯
VCC
× 0.35
1.65~1.95
⎯
⎯
VCC
× 0.35
⎯
VCC
× 0.35
2.3~2.7
⎯
⎯
0.7
0.7
Low-level
input voltage
VIL
⎯
3.0~3.6
⎯
⎯
0.8
0.8
V
IOH =−0.02 mA
0.9
0.75
⎯
⎯
0.75
⎯
IOH = −0.3 mA
1.1~1.3
VCC
× 0.75
⎯
⎯
VCC
× 0.75
⎯
IOH = −1.7 mA
1.4~1.6
VCC
× 0.75
⎯
⎯
VCC
× 0.75
⎯
IOH = −3.0 mA
1.65~
1.95
VCC
-0.45
⎯
⎯
VCC
-0.45
⎯
IOH = −4.0 mA
2.3~2.7
2.0
⎯
⎯
2.0
⎯
High-level
output voltage
VOH
VIN = VIL
IOH = −8.0 mA
3.0~3.6
2.48
⎯
⎯
2.48
⎯
V
IOL = 0.02 mA
0.9
⎯
⎯
0.1
⎯
0.1
IOL = 0.3 mA
1.1~1.3
⎯
⎯
VCC
× 0.25
⎯
VCC
× 0.25
IOL = 1.7 mA
1.4~1.6
⎯
⎯
VCC
× 0.25
⎯
VCC
× 0.25
IOL = 3.0 mA
1.65~
1.95
⎯
⎯
0.45
⎯
0.45
IOL = 4.0 mA
2.3~2.7
⎯
⎯
0.4
⎯
0.4
Low-level
output voltage
VOL
VIN = VIH
IOL = 8.0 mA
3.0~3.6
⎯
⎯
0.4
⎯
0.4
V
Input leakage
current
IIN
VIN = 0~5.5V
0~3.6
⎯
⎯
±0.1
⎯
±1.0
μA
Power off
leakage current
IOFF
VIN = 0~5.5V
VOUT = 0~3.6V
0
⎯
⎯
1.0
⎯
10.0
μA
Quiescent
supply current
ICC
VIN = VCC or GND
3.6
⎯
⎯
1.0
⎯
10.0
μΑ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com