Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM150CSD060 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PM150CSD060
Description  Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM150CSD060 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PM150CSD060 Datasheet HTML 1Page - Powerex Power Semiconductors PM150CSD060 Datasheet HTML 2Page - Powerex Power Semiconductors PM150CSD060 Datasheet HTML 3Page - Powerex Power Semiconductors PM150CSD060 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PM150CSD060
Intellimod™ Module
Three Phase IGBT Inverter Output
150 Amperes/600 Volts
2
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
Characteristics
Symbol
PM150CSD060
Units
Power Device Junction Temperature
Tj
-20 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Case Operating Temperature
TC
-20 to 100
°C
Mounting Torque, M5 Mounting Screws
—
31
in-lb
Mounting Torque, M5 Main Terminal Screws
—
31
in-lb
Module Weight (Typical)
—
560
Grams
Supply Voltage Protected by OC and SC (VD = 13.5 - 16.5V, Inverter Part) Tj = 125°CVCC(prot.)
400
Volts
Isolation Voltage, AC 1 minute, 60Hz Sinusoidal
VISO
2500
Volts
IGBT Inverter Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 15V)
VCES
600
Volts
Collector Current,
± (TC = 25°C)
IC
150
Amperes
Peak Collector Current,
± (TC = 25°C)
ICP
300
Amperes
Supply Voltage (Applied between P - N)
VCC
400
Volts
Supply Voltage, Surge (Applied between P - N)
VCC(surge)
500
Volts
Collector Dissipation (TC = 25°C)
PC
416
Watts
Control Sector
Supply Voltage Applied between (VUP1-VUPC, VVP1-VVPC, VWP1-VWPC, VN1-VNC)VD
20
Volts
Input Voltage Applied between (UP-VUPC, VP-VVPC, WP-VWPC, UN- VN- WN-VNC)VCIN
20
Volts
Fault Output Supply Voltage (Applied between FO and VC)VFO
20
Volts
Fault Output Current (UFO, VFO, WFO, FO)IFO
20
mA
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector Cutoff Current
ICES
VCE = VCES, Tj = 25°C,
——
1.0
mA
VD = 15V, VCIN = 15V
VCE = VCES, Tj = 125°C,
——
10
mA
VD = 15V, VCIN = 15V
Diode Forward Voltage
VEC
-IC = 150A, VD = 15V, VCIN = 15V
—
2.2
3.3
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 150A,
—
1.70
2.3
Volts
Tj = 25°C
VD = 15V, VCIN = 0V, IC = 150A,
—
1.70
2.3
Volts
Tj = 125°C
Inductive Load Switching Times
ton
0.8
1.2
2.4
µS
trr
VD = 15V, VCIN = 0 ~ 15V
—
0.15
0.3
µS
tC(on)
VCC = 300V, IC = 150A
—
0.4
1.0
µS
toff
Tj = 125°C
—
2.4
3.3
µS
tC(off)
—
0.6
1.2
µS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com