Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9WMB1AFK Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC9WMB1AFK
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMB1AFK Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC9WMB1AFK Datasheet HTML 1Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 2Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 3Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 4Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 5Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 6Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 7Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 8Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC9WMB1AFK/FU,TC9WMB2AFK/FU
2007-10-19
4
3. Acknowledge
Data is transmitted in 8-bit units. The device sends “low” of an acknowledge signal, by pulling SDA
during the 9th clock cycle, indicating that it has received data normally. The host releases the bus in the 9th
clock cycle to receive an acknowledge signal.
During a write operations, the device is always the receiver so that an acknowledge signal is sent each
time it has received 8-bit of data.
During a read operations, the device sends an acknowledge signal after it receives an address following a
start condition. Then, a read data is sent and releases the bus to wait for an acknowledge signal from the
master. When an acknowledge signal is detected, next address data is sent if a stop condition is not detected.
If the device does not detect an acknowledge signal, a read operations is stopped, and enters the standby
mode when a stop condition occurs subsequently.
If the device does not detect an acknowledge signal nor a stop condition, it keeps the bus released.
4. Device Addressing
After a start condition occurs, 7-bit device address and a 1-bit read/write instruction code are transferred
to the device.
The first four bits are called device code, which must always be “1”, “0”, “1”, “0”. The next two bits are
called slave address and are used to select a device on the bus. The slave address is compared to the value
on the address inputs (A0, A1 and A2).
The least significant bit (
W
R/
:
WRITE
READ/
) indicates a read instruction when set to “1” and a write
instruction when set to “0”.
An instruction is not executed if the device address does not match the specified value.
Figure 3
SCL
tAA
SDA
(input)
Acknowledge output
1
8
9
SDA
(output)
Start condition
tDH
Figure 4
1
0
1
0
A2
A1
A0
W
/
R
MSD
LSB
Device code
Device address
Read/write
instruction code
Slave address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com