Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CUS01 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CUS01
Description  Portable Equipment Battery Application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CUS01 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CUS01_06 Datasheet HTML 1Page - Toshiba Semiconductor CUS01_06 Datasheet HTML 2Page - Toshiba Semiconductor CUS01_06 Datasheet HTML 3Page - Toshiba Semiconductor CUS01_06 Datasheet HTML 4Page - Toshiba Semiconductor CUS01_06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CUS01
2006-11-13
3
Instantaneous forward voltage vF (V)
iF – vF
Average forward current IF (AV) (A)
PF (AV) – IF (AV)
Average forward current IF (AV) (A)
Ta max – IF (AV)
Average forward current IF (AV) (A)
TI max – IF (AV)
Time t (s)
rth (j-a) – t
0.01
0.0
75°C
25°C
Tj = 125°C
10
1
0.1
0.2
0.4
0.6
0.8
1.0
1
0.001
1000
0.01
0.1
1
10
100
1000
10
100
10000
(1) Device mounted on a ceramic board
Soldering land: 2.0 mm × 2.0 mm
(2) Device mounted on a glass-epoxy board
Soldering land: 6.0 mm × 6.0 mm
(3) Device mounted on a glass-epoxy board
Standard Soldering pad
(2)
(3)
(1)
0.5
0.0
0.0
Rectangular
waveform
0.2
0.4
0.6
1.0
1.2
0.8
1.4
1.6
0.3
0.1
0.2
0.4
180°
120°
DC
α = 60°
α
0°
360°
Conduction
angle: α
0
0.0
140
0.2
0.4
0.6
1.0
1.2
60
20
40
80
100
0.8
1.4
1.6
120
DC
α = 180°
Device mounted on a ceramic board
(board size: 50 mm × 50 mm)
Rectangular waveform
α
0°
360°
Conduction angle: α
VR = 15 V
140
0
0.0
0.2
0.4
0.6
1.0
1.2
60
20
40
80
100
0.8
1.4
1.6
120
180°
120°
DC
α = 60°
Rectangular
waveform
α
0°
360°
Conduction
angle: α
VR = 15 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com