Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3542 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP3542
Description  TESTERS DATA RECORDING EQUIPMENTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3542 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP3542 Datasheet HTML 1Page - Toshiba Semiconductor TLP3542 Datasheet HTML 2Page - Toshiba Semiconductor TLP3542 Datasheet HTML 3Page - Toshiba Semiconductor TLP3542 Datasheet HTML 4Page - Toshiba Semiconductor TLP3542 Datasheet HTML 5Page - Toshiba Semiconductor TLP3542 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP3542
2007-10-01
3
Individual Electrical Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF = 10 mA
1.18
1.33
1.48
V
Reverse Current
IR
VR = 5 V
⎯
⎯
10
μA
Capacitance
CT
V
= 0, f = 1 MHz
⎯
70
⎯
pF
VOFF = 20 V
⎯
0.1
1.5
nA
Off-State Current
IOFF
VOFF = 60 V
⎯
1.0
10
nA
Capacitance
COFF
V
= 0, f = 1 MHz
⎯
400
600
pF
Coupled Electrical Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Trigger LED Current
IFT
ION = 1.0 A
⎯
1
3
mA
Return LED Current
IFC
IOFF = 10 μA
0.1
⎯
⎯
mA
On-State Resistance
RON
ION = 2.0 A, IF = 10 mA, t = 10 ms
⎯
65
100
m
Ω
Isolation Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Capacitance Input to Output
CS
VS = 0 V, f = 1 MHz
⎯
0.8
⎯
pF
Isolation Resistance
RS
VS = 500 V, R.H. <= 60%
5
× 1010
1014
⎯
Ω
AC, 1 minute
2500
⎯
⎯
AC, 1 second (in oil)
⎯
5000
⎯
Vrms
Isolation Voltage
BVS
DC, 1 minute (in oil)
⎯
5000
⎯
Vdc
Switching Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Turn-on Time
tON
⎯
1.5
3.0
Turn-off Time
tOFF
RL = 200 Ω
(NOTE 2)
VDD = 20 V, IF = 5 mA
⎯
0.2
0.6
ms
Turn-on Time
tON
⎯
1.0
1.5
Turn-off Time
tOFF
RL = 200 Ω
(NOTE 2)
VDD = 20 V, IF = 10 mA
⎯
0.2
0.4
ms
(NOTE 2) : SWITCHING TIME TEST CIRCUIT
VOUT
IF
tON
tOFF
90%
10%
6
RL
VDD
VOUT
4
1
2
IF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com