Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLSU126F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLSU126F
Description  Panel Circuit Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSU126F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLSU126F Datasheet HTML 1Page - Toshiba Semiconductor TLSU126F Datasheet HTML 2Page - Toshiba Semiconductor TLSU126F Datasheet HTML 3Page - Toshiba Semiconductor TLSU126F Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TLSU125(F),TLSU126(F)
2007-10-01
3
IF – Ta
Ambient temperature Ta (°C)
0
0
20
40
60
80
100
40
10
20
30
IF – VF
Forward voltage VF (V)
1
1.6
1.8
2.0
2.2
2.4
2.6
100
2
5
10
50
20
Ta = 25°C
IV – Tc
Case temperature Tc (°C)
0.2
100
0
25
50
75
10
0.5
1
2
−25
0.1
5
10
1
100
3
5
10
30
50
50
500
100
1000
300
30
IV – IF
Forward current IF (mA)
Ta = 25°C
A : TLSU125 (F)
B : TLSU126 (F)
B
A
Relative Luminous Intensity –
Wavelength
Wavelength λ (nm)
560
0
580
600
620
640
660
680
1.0
0.2
0.4
0.6
0.8
IF = 20mA
Ta = 25°C
Ta = 25°C
Radiation Pattern
A: TLSU125 (F)
B: TLSU126 (F)
1.0
90°
80°
70°
60°
50°
40°
30°
20°
10°
0° 10°
20°
30°
40°
50°
60°
70°
80°
90°
0
0.2
0.4
0.6
0.8
A
B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com