Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3061FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3061FS
Description  OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3061FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3061FS Datasheet HTML 1Page - Toshiba Semiconductor TLP3061FS Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLP3061F(S),TLP3062F(S),TLP3063F(S)
2007-10-01
1
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3061F(S),TLP3062F(S),TLP3063F(S)
OFFICE MACHINE
HOUSEHOLD USE EQUIPMENT
TRIAC DRIVER
SOLID STATE RELAY
The TOSHIBA TLP3061F(S), TLP3062F(S), TLP3063F(S) consist of a
zero voltage crossing turn-on photo-triac optically coupled to a gallium
arsenide infrared emitting diode in a six lead plastic DIP package.
All parameters are tested to the specifications of TLP3061(S) TLP3062(S)
and TLP3063(S).
(both condition and limits)
• Peak Off-State Voltage
: 600 V (min)
• Trigger LED Current
: 15 mA (max) (TLP3061F(S))
10 mA (max) (TLP3062F(S))
5 mA (max) (TLP3063F(S))
• On-State Current
: 100 mA (max)
• Isolation Voltage
: 5000 Vrms (min)
• UL Recognized
: UL1577, File No. E67349
• SEMKO Approved
: SS EN60065
SS EN60950, File No.9841113
• BSI Approved
: BS EN60065, File No.8385
BS EN60950, File No.8386
• Option (D4) type
VDE approved: DIN EN60747-5-2
Approved No. 40009302
Maximum operating insulation voltage: 1140VPK
Highest permissible over voltage: 8000VPK
(Note): When an EN60747-5-2 approved type is needed,
please designate the "Option (D4)"
• Construction mechanical rating
10.16 mm pitch
TLPxxxxF type
Creepage Distance
Clearance
Insulation Thickness
8.0 mm (Min)
8.0 mm (Min)
0.5 mm (Min)
JEDEC
―
EIAJ
―
TOSHIBA
11-7A902
weight: 0.39g
Unit: mm
1: Anode
2: Cathode
3: N.C.
4:Terminal 1
6:Terminal 2
ZC:Zero-cross Circuit
1
2
3
4
6
ZC
Pin Configuration
(top view)


Similar Part No. - TLP3061FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3061FS TOSHIBA-TLP3061FS Datasheet
110Kb / 2P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results

Similar Description - TLP3061FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3051 TOSHIBA-TLP3051 Datasheet
165Kb / 6P
Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP762J TOSHIBA-TLP762J Datasheet
231Kb / 5P
OFFICE MACHINE HOUSEHOLD USE EQUPMINT TRIAC DRIVER SOLID STATE RELAY
TLP762JF TOSHIBA-TLP762JF Datasheet
120Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP665G TOSHIBA-TLP665G Datasheet
144Kb / 6P
Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3051 TOSHIBA-TLP3051_07 Datasheet
224Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041F TOSHIBA-TLP3041F Datasheet
102Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021 TOSHIBA-TLP3021_07 Datasheet
347Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021F TOSHIBA-TLP3021F Datasheet
101Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com