Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC21 Datasheet(PDF) 5 Page - Solid State Inc

Part # 74HC21
Description  Dual 4-input AND gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

74HC21 Datasheet(HTML) 5 Page - Solid State Inc

  74HC21 Datasheet HTML 1Page - Solid State Inc 74HC21 Datasheet HTML 2Page - Solid State Inc 74HC21 Datasheet HTML 3Page - Solid State Inc 74HC21 Datasheet HTML 4Page - Solid State Inc 74HC21 Datasheet HTML 5Page - Solid State Inc 74HC21 Datasheet HTML 6Page - Solid State Inc 74HC21 Datasheet HTML 7Page - Solid State Inc 74HC21 Datasheet HTML 8Page - Solid State Inc 74HC21 Datasheet HTML 9Page - Solid State Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74HC21
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 7 — 30 November 2015
5 of 14
NXP Semiconductors
74HC21
Dual 4-input AND gate
10. Dynamic characteristics
[1]
tpd is the same as tPHL and tPLH.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in W):
PD =CPD  VCC2  fi  N+  (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
 (C
L  VCC
2
 f
o) = sum of outputs.
Table 7.
Dynamic characteristics
GND = 0 V; test circuit see Figure 8.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
propagation
delay
nA, nB, nC or nD to nY;
see Figure 7
[1]
VCC = 2.0 V
-
33
110
-
140
-
165
ns
VCC = 4.5 V
-
12
22
-
28
-
33
ns
VCC = 6.0 V
-
10
19
-
24
-
28
ns
VCC =5.0 V; CL = 15 pF
-
10
-
----
ns
tt
transition time
nY output; see Figure 7
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
16
-
19
ns
CPD
power
dissipation
capacitance
VI = GND to VCC
[3]
-
15
-
----
pF
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com