Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD54008-E Datasheet(PDF) 16 Page - STMicroelectronics

Part # PD54008-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode, lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54008-E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PD54008-E Datasheet HTML 12Page - STMicroelectronics PD54008-E Datasheet HTML 13Page - STMicroelectronics PD54008-E Datasheet HTML 14Page - STMicroelectronics PD54008-E Datasheet HTML 15Page - STMicroelectronics PD54008-E Datasheet HTML 16Page - STMicroelectronics PD54008-E Datasheet HTML 17Page - STMicroelectronics PD54008-E Datasheet HTML 18Page - STMicroelectronics PD54008-E Datasheet HTML 19Page - STMicroelectronics PD54008-E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Common source s-parameter
PD54008-E, PD54008S-E
16/28
7
Common source s-parameter
7.1
PD54008S (VDS = 7.5V IDS = 150mA)
Table 9.
S-parameter
FREQ
IS11IS11
∠Φ
IS21IS21
∠Φ
IS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.760
-161
9.32
84
0.034
-3
0.743
-160
100
0.810
-167
4.44
72
0.003
-16
0.761
-166
150
0.838
-169
2.86
63
0.031
-24
0.783
-167
200
0.862
-171
2.01
56
0.028
-31
0.817
-168
250
0.881
-172
1.50
48
0.026
-38
0.845
-169
300
0.900
-173
1.16
42
0.023
-43
0.866
-170
350
0.916
-174
0.92
37
0.021
-47
0.888
-171
400
0.927
0
0.75
32
0.019
-51
0.906
-172
450
0.938
-175
0.61
28
0.017
-54
0.918
-173
500
0.945
-176
0.52
25
0.015
-56
0.932
-174
550
0.952
-177
0.44
22
0.013
-59
0.940
-175
600
0.957
-178
0.38
19
0.012
-60
0.950
-176
650
0.963
-178
0.33
16
0.011
-61
0.951
-176
700
0.965
-179
0.29
14
0.009
-60
0.958
-177
750
0.968
-180
0.25
12
0.008
-63
0.960
-178
800
0.973
180
0.23
10
0.007
-65
0.962
-178
850
0.973
179
0.20
9
0.006
-65
0.961
-179
900
0.974
179
0.18
7
0.005
-55
0.971
-180
950
0.976
178
0.17
5
0.005
-58
0.970
180
1000
0.979
178
0.15
4
0.003
-58
0.967
179
1050
0.981
177
0.14
3
0.002
-50
0.970
179
1100
0.978
177
0.13
2
0.002
-36
0.974
178
1150
0.979
177
0.12
1
0.001
-16
0.975
179
1200
0.980
176
0.11
0
0.001
36
0.973
179
1250
0.981
176
0.10
-1
0.001
49
0.990
178
1300
0.981
175
0.10
-3
0.002
60
0.994
176
1350
0.981
175
0.09
-3
0.002
92
0.976
176
1400
0.980
175
0.08
-4
0.002
98
0.977
176
1450
0.977
174
0.08
-4
0.004
110
0.975
175
1500
0.977
174
0.07
-4
0.005
118
0.978
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com