Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD54008S-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # PD54008S-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode, lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54008S-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PD54008S-E Datasheet HTML 3Page - STMicroelectronics PD54008S-E Datasheet HTML 4Page - STMicroelectronics PD54008S-E Datasheet HTML 5Page - STMicroelectronics PD54008S-E Datasheet HTML 6Page - STMicroelectronics PD54008S-E Datasheet HTML 7Page - STMicroelectronics PD54008S-E Datasheet HTML 8Page - STMicroelectronics PD54008S-E Datasheet HTML 9Page - STMicroelectronics PD54008S-E Datasheet HTML 10Page - STMicroelectronics PD54008S-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
PD54008-E, PD54008S-E
Typical performance
7/28
PD54008
Figure 5.
Output power Vs.
input power
Figure 6.
Power gain Vs. output power
Figure 7.
Drain efficiency Vs.
output power
Figure 8.
Return loss Vs. output power
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Pin (W )
0
2
4
6
8
10
Pout (W )
VDD = 7.5 V
IDQ = 150 mA
480 MHz
520 MHz
500 MHz
01
2
3
456789
10
Pout (W)
6
8
10
12
14
16
Gp (dB)
VDD = 7.5 V
IDQ = 150 mA
480 MHz
500 MHz
520 MHz
01
23
45
67
89
10
Pout (W)
0
10
20
30
40
50
60
70
Nd (%)
VDD = 7.5 V
IDQ = 150 mA
480 MHz
500 MHz
520 MHz
0
1
2
3
456
789
10
Pout (W)
-40
-30
-20
-10
0
Rtl (dB)
VDD = 7.5 V
IDQ = 150 mA
480 MHz
500 MHz
520 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com