Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD57060-E Datasheet(PDF) 3 Page - STMicroelectronics

Part # PD57060-E
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57060-E Datasheet(HTML) 3 Page - STMicroelectronics

  PD57060-E Datasheet HTML 1Page - STMicroelectronics PD57060-E Datasheet HTML 2Page - STMicroelectronics PD57060-E Datasheet HTML 3Page - STMicroelectronics PD57060-E Datasheet HTML 4Page - STMicroelectronics PD57060-E Datasheet HTML 5Page - STMicroelectronics PD57060-E Datasheet HTML 6Page - STMicroelectronics PD57060-E Datasheet HTML 7Page - STMicroelectronics PD57060-E Datasheet HTML 8Page - STMicroelectronics PD57060-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
PD57060-E, PD57060S-E
Electrical data
3/21
1
Electrical data
1.1
Maximum ratings
1.2
Thermal data
Table 1.
Absolute maximum ratings (TCASE = 25°C)
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain-Source Voltage
65
V
VGS
Gate-Source Voltage
± 20
V
ID
Drain Current
7
A
PDISS
Power Dissipation (@ Tc = 70°C)
79
W
TJ
Max. Operating Junction Temperature
165
°C
TSTG
Storage Temperature
-65 to +150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Junction - case thermal resistance
1.0
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com