Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74AC367FN Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74AC367FN
Description  CMOS Digital Integrated Circuit Silicon Monolithic Hex Bus Buffer (3-state)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC367FN Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74AC367FN Datasheet HTML 1Page - Toshiba Semiconductor TC74AC367FN Datasheet HTML 2Page - Toshiba Semiconductor TC74AC367FN Datasheet HTML 3Page - Toshiba Semiconductor TC74AC367FN Datasheet HTML 4Page - Toshiba Semiconductor TC74AC367FN Datasheet HTML 5Page - Toshiba Semiconductor TC74AC367FN Datasheet HTML 6Page - Toshiba Semiconductor TC74AC367FN Datasheet HTML 7Page - Toshiba Semiconductor TC74AC367FN Datasheet HTML 8Page - Toshiba Semiconductor TC74AC367FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC74AC367P/F/FN/FT
2007-10-01
2
Pin Assignment
IEC Logic Symbol
Truth Table
Inputs
Output
G
A
Y
L
L
L
L
H
H
H
X
Z
X: Don’t care
Z: High impedance
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to VCC + 0.5
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±50
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±150
mA
Power dissipation
PD
500 (DIP) (Note 2)/180 (SOP/TSSOP)
mW
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta = −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C should be
applied up to 300 mW.
VCC
12
6Y
5A
5Y
11
10
9
16
1
G
1
2
3
4
5
6
7
3A
3Y
GND
1A
4A
8
6A
15
4Y
2
G
2A
2Y
14
1Y
13
(top view)
(15)
(12)
(14)
6A
(11)
6Y
(13)
EN
5Y
5A
2
G
(1)
(2)
(6)
(4)
2A
4A
3A
(10)
(3)
(7)
2Y
4Y
(5)
(9)
3Y
EN
1Y
1A
1
G



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com