Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF80 Datasheet(PDF) 18 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF80 Datasheet(HTML) 18 Page - Texas Instruments

Back Button REF80_V01 Datasheet HTML 14Page - Texas Instruments REF80_V01 Datasheet HTML 15Page - Texas Instruments REF80_V01 Datasheet HTML 16Page - Texas Instruments REF80_V01 Datasheet HTML 17Page - Texas Instruments REF80_V01 Datasheet HTML 18Page - Texas Instruments REF80_V01 Datasheet HTML 19Page - Texas Instruments REF80_V01 Datasheet HTML 20Page - Texas Instruments REF80_V01 Datasheet HTML 21Page - Texas Instruments REF80_V01 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
Basic applications convert the REFZ output to calibration signal or connect to <= 5V signal for precision data
converter. The table below shows the typical applications of REF80 and the companion data converter.
APPLICATION
DATA CONVERTER
Test & Measurement
DAC11001B
9.2 Typical Applications
9.2.1 Typical Application: Basic Voltage Reference Connection
The circuit shown in Figure 9-1 shows the basic configuration for the REF80 references. Connect bypass
capacitors according to the guidelines in Section 9.4.1.
OP-STBL
VDD
T-SET
REF_Z
REF_GND
HEATP
HEATM
+30 V
10 V
5V
Stable Temp
Indicator
7.6V
REF80
1µF
1µF
10µF
Figure 9-1. Basic Reference Connection
REF80
SNAS856A – SEPTEMBER 2024 – REVISED MARCH 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com