Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74ACT138F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74ACT138F
Description  CMOS Digital Integrated Circuit Silicon Monolithic 3-to-8 Line Decoder
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT138F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74ACT138F Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT138F Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT138F Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT138F Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT138F Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT138F Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT138F Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT138F Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT138F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74ACT138P/F/FN/FT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT138P,TC74ACT138F,TC74ACT138FN,TC74ACT138FT
3-to-8 Line Decoder
The TC74ACT138 is an advanced high speed CMOS 3-to-8
LINE DECODER fabricated with silicon gate and double-layer
metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
This device may be used as a level converter for interfacing
TTL or NMOS to High Speed CMOS. The inputs are compatible
with TTL, NMOS and CMOS output voltage levels.
When the device is enabled, 3 Binary Select inputs (A, B and
C) determine which one of the outputs ( 0
Y - 7
Y ) will go low.
When enable input G1 is held low or either
A
2
G
or
2B
G
is
held high, decoding function is inhibited and all outputs go high.
G1,
A
2
G
, and
2B
G
inputs are provided to ease cascade
connection and for use as an address decoder for memory
systems.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 6.0 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74F138
Note:
xxxFN (JEDEC SOP) is not available in
Japan.
TC74ACT138P
TC74ACT138F
TC74ACT138FN
TC74ACT138FT
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)
TSSOP16-P-0044-0.65A
: 0.06 g (typ.)


Similar Part No. - TC74ACT138F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT138F TOSHIBA-TC74ACT138F Datasheet
283Kb / 7P
3 - TO - 8 LINE DECODER
TC74ACT138FN TOSHIBA-TC74ACT138FN Datasheet
283Kb / 7P
3 - TO - 8 LINE DECODER
TC74ACT138FT TOSHIBA-TC74ACT138FT Datasheet
283Kb / 7P
3 - TO - 8 LINE DECODER
TC74ACT138FT TOSHIBA-TC74ACT138FT_12 Datasheet
238Kb / 8P
3-to-8 Line Decoder
TC74ACT138F TOSHIBA-TC74ACT138F_12 Datasheet
238Kb / 8P
3-to-8 Line Decoder
More results

Similar Description - TC74ACT138F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7W04FK KEC-KIC7W04FK Datasheet
293Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(3 INVERTERS)
KIC7WU04FK KEC-KIC7WU04FK Datasheet
266Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(3 INVERTER)
logo
Toshiba Semiconductor
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic
TC7WU04F TOSHIBA-TC7WU04F_01 Datasheet
243Kb / 8P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 3 INVERTER
TC74AC138P TOSHIBA-TC74AC138P_07 Datasheet
277Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic 3-to-8 Line Decoder
TC74AC139P TOSHIBA-TC74AC139P_07 Datasheet
270Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-to-4 Line Decoder
TC74ACT139FN TOSHIBA-TC74ACT139FN_07 Datasheet
269Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-to-4 Line Decoder
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC42AP TOSHIBA-TC74HC42AP_07 Datasheet
311Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic BCD to Decimal Decoder
TC74HC4028AP TOSHIBA-TC74HC4028AP_07 Datasheet
275Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic BCD-to-Decimal Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com