Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74ACT153F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74ACT153F
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT153F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74ACT153F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT153F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT153F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT153F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT153F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT153F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT153F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT153F_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT153F_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74ACT153P/F/FN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT153P,TC74ACT153F,TC74ACT153FN
Dual 4-Channel Multiplexer
The TC74ACT153 is an advanced high speed CMOS DUAL
4-CHANNEL MULTIPLEXERs fabricated with silicon gate and
double-layer metal wiring C2MOS technology.
They achieve the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipations.
This device may be used as a level converter for interfacing
TTL or NMOS to High Speed CMOS. The inputs are compatible
with TTL, NMOS and CMOS output voltage levels.
Each of these data (1C0-1C3, 2C0-2C3) is selected by the two
address inputs A and B.
Separate strobe inputs ( G
1 ,
G
2 ) are provided for each of the
two four-line sections.
The strobe input can be used to inhibit the data output; the
output is fixed in low level unconditionally.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 5.4 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74F153
Pin Assignment
Note:
xxxFN (JEDEC SOP) is not available in
Japan.
TC74ACT153P
TC74ACT153F
TC74ACT153FN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Similar Part No. - TC74ACT153F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT153FN TOSHIBA-TC74ACT153FN Datasheet
268Kb / 7P
DUAL 4 CHANNEL MULTIPLEXER
TC74ACT153F TOSHIBA-TC74ACT153F_12 Datasheet
269Kb / 8P
Dual 4-Channel Multiplexer
More results

Similar Description - TC74ACT153F_07

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7W53FK KEC-KIC7W53FK Datasheet
523Kb / 6P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-CHANNEL MULTIPLEXER/DEMULTIPLEXER)
logo
Toshiba Semiconductor
TC7WH157FC TOSHIBA-TC7WH157FC Datasheet
144Kb / 6P
CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer
TC7WH157FU TOSHIBA-TC7WH157FU_07 Datasheet
196Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer
TC74AC151F TOSHIBA-TC74AC151F_07 Datasheet
319Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Channel Multiplexer
TC74AC153P TOSHIBA-TC74AC153P_07 Datasheet
333Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
TC74AC157P TOSHIBA-TC74AC157P_07 Datasheet
273Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Channel Multiplexer
TC74ACT151P TOSHIBA-TC74ACT151P_07 Datasheet
316Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Channel Multiplexer
TC74ACT157P TOSHIBA-TC74ACT157P_07 Datasheet
292Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Channel Multiplexer
TC74ACT257P TOSHIBA-TC74ACT257P Datasheet
297Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer (3-state)
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com