Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74ACT163FN Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74ACT163FN
Description  CMOS Digital Integrated Circuit Silicon Monolithic Synchronous Presettable 4-Bit Binary Counter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT163FN Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74ACT163FN Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT163FN Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT163FN Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT163FN Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT163FN Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT163FN Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT163FN Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT163FN Datasheet HTML 9Page - Toshiba Semiconductor TC74ACT163FN Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TC74ACT161,163P/F/FN
2007-10-01
6
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
⎯
4.5 to
5.5
2.0
⎯
⎯
2.0
⎯
V
Low-level input
voltage
VIL
⎯
4.5 to
5.5
⎯
⎯
0.8
⎯
0.8
V
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −50 μA
IOH = −24 mA
IOH = −75 mA
(Note)
4.5
4.5
5.5
4.4
3.94
⎯
4.5
⎯
⎯
⎯
⎯
⎯
4.4
3.80
3.85
⎯
⎯
⎯
V
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 50 μA
IOL = 24 mA
IOL = 75 mA
(Note)
4.5
4.5
5.5
⎯
⎯
⎯
0.0
⎯
⎯
0.1
0.36
⎯
⎯
⎯
⎯
0.1
0.44
1.65
V
Input leakage
current
IIN
VIN = VCC or GND
5.5
⎯
⎯
±0.1
⎯
±1.0
μA
ICC
VIN = VCC or GND
5.5
⎯
⎯
8.0
⎯
80.0
μA
Quiescent supply
current
IC
Per input: VIN = 3.4 V
Other input: VCC or GND
5.5
⎯
⎯
1.35
⎯
1.5
mA
Note:
This spec indicates the capability of driving 50
Ω transmission lines.
One output should be tested at a time for a 10 ms maximum duration.
Timing Requirements (input: tr = tf = 3 ns)
Test Condition
Ta
=
25°C
Ta
=
−40 to
85°C
Characteristics
Symbol
VCC (V)
Limit
Limit
Unit
Minimum pulse width
(CK)
tW (L)
tW (H)
Figure 1
5.0
± 0.5
5.0
5.0
ns
Minimum pulse width
(
CLR )
(Note1)
tW (L)
Figure 4
5.0
± 0.5
5.0
5.0
ns
Minimum pulse width
( LOAD , ENP, ENT)
ts
Figure 2, Figure 3
5.0
± 0.5
6.0
6.0
ns
Minimum set-up time
(A, B, C, D)
ts
Figure 2
5.0
± 0.5
4.0
4.0
ns
Minimum set-up time
( CLR )
(Note 2)
ts
Figure 5
5.0
± 0.5
3.0
3.0
ns
Minimum hold time
( LOAD , ENP, ENT)
th
Figure 2, Figure 3
5.0
± 0.5
1.0
1.0
ns
Minimum hold time
(A, B, C, D)
th
Figure 2
5.0
± 0.5
2.0
2.0
ns
Minimum hold time
( CLR )
(Note 2)
th
Figure 5
5.0
± 0.5
2.0
2.0
ns
Minimum removal time
( CLR )
(Note 1)
trem
Figure 4
5.0
± 0.5
1.0
1.0
ns
Note 1: For TC74ACT161 only
Note 2: For TC74ACT163 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com