Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP833F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP833F
Description  Copiers, Printers, Fax Machines
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP833F Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP833F Datasheet HTML 1Page - Toshiba Semiconductor TLP833F Datasheet HTML 2Page - Toshiba Semiconductor TLP833F Datasheet HTML 3Page - Toshiba Semiconductor TLP833F Datasheet HTML 4Page - Toshiba Semiconductor TLP833F Datasheet HTML 5Page - Toshiba Semiconductor TLP833F Datasheet HTML 6Page - Toshiba Semiconductor TLP833F Datasheet HTML 7Page - Toshiba Semiconductor TLP833F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TLP833(F)
2007-10-01
7
Relative Positioning Of Shutter And Device
For normal operation position the shutter and the device as shown in the figure below. By considering the
device's detection direction characteristic and switching time, determine the shutter slit width and pitch.
Detection Position
Characteristics(1)
(typ.)
Distance d (mm)
1.2
0
−3
1.0
0.8
0.6
0.4
0.2
−2
−1
0
1
2
3
4
Detection
Position
d=0±0.3mm
0
−
+
d
IF = 10mA
VCE = 2V
Ta = 25°C
Shutter
Detection Position
Characteristics (2)
(typ.)
Distance d (mm)
1.2
0
1.0
0.8
0.6
0.4
0.2
10
11
12
13
14
15
16
d
IF=10mA
VCE=2V
Ta=25°C
Shutter
+1.5
Detection
Position
d=12−1.1mm
Shutter
A
A′
Center of sensor
Cross section between A and A′
Unit in mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com