Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP832 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP832
Description  Electronic Equipment Such As VCRS And CD Players
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP832 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP832 Datasheet HTML 1Page - Toshiba Semiconductor TLP832 Datasheet HTML 2Page - Toshiba Semiconductor TLP832 Datasheet HTML 3Page - Toshiba Semiconductor TLP832 Datasheet HTML 4Page - Toshiba Semiconductor TLP832 Datasheet HTML 5Page - Toshiba Semiconductor TLP832 Datasheet HTML 6Page - Toshiba Semiconductor TLP832 Datasheet HTML 7Page - Toshiba Semiconductor TLP832 Datasheet HTML 8Page - Toshiba Semiconductor TLP832 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLP832(F)
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
25°C < Ta ≦ 85°C
−0.33
Forward current
derating
Ta > 85°C
ΔIF / °C
−2
mA / °C
Reverse voltage
VR
5
V
Collector
−emitter voltage
VCEO
35
V
Emitter
−collector voltage
VECO
5
V
Collector power dissipation
PC
75
mW
Collector power dissipation
derating (Ta > 25°C)
ΔPC / °C
−1
mW / °C
Collector current
IC
50
mA
Operating temperature
Topr
−30~85
°C
Storage temperature
Tstg
−40~100
°C
Soldering temperature (5 s)
(Note 1)
Tsol
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: At the location of 1.5mm from the resin package bottom
Markings
Operating Ranges
Characteristic
Symbol
Min
Typ.
Max
Unit
Supply voltage
VCC
―
5
24
V
Forward current
IF
―
―
25
mA
Operating temperature
Topr
−10
―
75
°C
Year of manufacture
(last digit of year of manufacture)
Monthly lot number
Month of manufacture
(January to December denoted by letters A to L respectively)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com