| Electronic Components Datasheet Search |
|
74LS153 Datasheet(PDF) 3 Page - Solid State Inc |
|
|
|||||||||||||||||||||||||||||
74LS153 Datasheet(HTML) 3 Page - Solid State Inc |
|
3 / 6 page ![]() SN74LS153 3 LOGIC DIAGRAM VCC = PIN 16 GND = PIN 8 = PIN NUMBERS Ea I0a I1a I2a I3a S1 S0 I0b I1b I2b I3b Eb Za Zb 14 12 6 7 3 4 5 9 11 12 10 13 15 FUNCTIONAL DESCRIPTION The LS153 is a Dual 4-input Multiplexer fabricated with Low Power, Schottky barrier diode process for high speed. It can select two bits of data from up to four sources under the control of the common Select Inputs (S0, S1). The two 4-input multiplexer circuits have individual active LOW Enables (Ea, Eb) which can be used to strobe the outputs independently. When the Enables (Ea, Eb) are HIGH, the corresponding outputs (Za, Zb) are forced LOW. The LS153 is the logic implementation of a 2-pole, 4-position switch, where the position of the switch is determined by the logic levels supplied to the two Select Inputs. The logic equations for the outputs are shown below. Za = Ea ⋅ (I0a ⋅ S1 ⋅ S0 + I1a ⋅ S1 ⋅ S0 + I2a ⋅ S1 ⋅ S0 + I3a ⋅ S1 ⋅ S0) Zb = Eb ⋅ (I0b ⋅ S1 ⋅ S0 + I1b ⋅ S1 ⋅ S0 + I2b ⋅ S1 ⋅ S0 + I3b ⋅ S1 ⋅ S0) The LS153 can be used to move data from a group of registers to a common output bus. The particular register from which the data came would be determined by the state of the Select Inputs. A less obvious application is a function generator. The LS153 can generate two functions of three variables. This is useful for implementing highly irregular random logic. TRUTH TABLE SELECT INPUTS INPUTS (a or b) OUTPUT S0 S1 E I0 I1 I2 I3 Z X X H X X X X L L LL L XXX L L LL H XXX H H LL X LX X L H LL X HX X H L HL X XLX L L HL X XHX H H HL X XX L L H H L X X X H H H = HIGH Voltage Level L = LOW Voltage Level X = Don’t Care www.sycelectronica.com.ar |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |