Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC423AF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74HC423AF
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual Retriggerable Monostable Multivibrator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC423AF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74HC423AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC423AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC423AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC423AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC423AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC423AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC423AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC423AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC423AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC74HC423AP/AF
2007-10-01
2
Pin Assignment
IEC Logic Symbol
Block Diagram (Note 1)(Note 2)
Note 1: Cx, Rx, Dx are external
capacitor, resistor, and diode, respectively.
Note 2: External clamping diode, Dx;
The external capacitor is charged to VCC level in the wait state, i.e. when no trigger is applied.
If the supply voltage is turned off, Cx is discharges mainly through the internal (parasitic) diode. If Cx is
sufficiently large and VCC drops rapidly, there will be some possibility of damaging the IC through in rush
current or latch-up. If the capacitance of the supply voltage filter is large enough and VCC drops slowly, the
in rush current is automatically limited and damage to the IC is avoided.
The maximum value of forward current through the parasitic diode is
±20 mA.
In the case of a large Cx, the limit of fall time of the supply voltage is determined as follows:
tf ≥ (VCC − 0.7) Cx/20 mA
(tf is the time between the supply voltage turn off and the supply voltage reaching 0.4 VCC.)
In the event a system does not satisfy the above condition, an external clamping diode (Dx) is needed to
protect the IC from in rush current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com