Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC4028AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC4028AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic BCD-to-Decimal Decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4028AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC4028AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC4028AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC4028AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4028AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4028AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4028AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4028AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4028AP_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74HC4028AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4028AP,TC74HC4028AF
BCD-to-Decimal Decoder
The TC74HC4028A is a high speed CMOS BCD-to-DECIMAL
DECODER fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
A BCD code applied to the four inputs (A-D) sets a high level at
one of ten decoded outputs. A illegal BCD code such as eleven
thru fifteen sets all outputs low. This device can be used as 3-to-8
LINE DECODER when input D is held high.
This device is useful for code conversion, address decoding,
memory selection, multiplexing, or readout decoding.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 18 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 4028B.
Pin Assignment
TC74HC4028AP
TC74HC4028AF
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)


Similar Part No. - TC74HC4028AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4028AP TOSHIBA-TC74HC4028AP Datasheet
209Kb / 5P
BCD-TO-DECIMAL DECODER
More results

Similar Description - TC74HC4028AP_07

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
BCD - TO -DECIMAL DECODER
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
BCD-to-Decimal Decoder
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
BCD to Decimal Decoder
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
BCD-to-Decimal Decoder
logo
Intersil Corporation
CD4028BMS INTERSIL-CD4028BMS Datasheet
93Kb / 10P
CMOS BCD-To-Decimal Decoder
December 1992
logo
Toshiba Semiconductor
TC74HC42AP TOSHIBA-TC74HC42AP_07 Datasheet
311Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic BCD to Decimal Decoder
TC74HC4511AP TOSHIBA-TC74HC4511AP_07 Datasheet
415Kb / 11P
CMOS Digital Integrated Circuit Silicon Monolithic BCD-to-7 Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
CD4028BMS RENESAS-CD4028BMS Datasheet
417Kb / 10P
CMOS BCD-To-Decimal Decoder
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com