Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC151AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC151AP
Description  8-Channel Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC151AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC151AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC151AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC151AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC151AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC151AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC151AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC151AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC151AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC151AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74HC151AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC151AP,TC74HC151AF,TC74HC151AFN
8-Channel Multiplexer
The TC74HC151A is a high speed CMOS 8-CHANNEL
MULTIPLEXER fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
One of eight date input signals (D0-D7) is selected by decoding
of the three-bit address input (A, B, C). The selected data appears
on two outputs: non-inverting (Y) and inverting (W).
The strobe input provides two output conditions; a low level on
the strobe input transfers the selected data to the outputs. A high
level on the strobe input sets the Y output low and the W output
high without regard to the data or select input conditions.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 15 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
•
Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS151
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC151AP
TC74HC151AF
TC74HC151AFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Similar Part No. - TC74HC151AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC151AP TOSHIBA-TC74HC151AP Datasheet
292Kb / 7P
8 - CHANNEL MULTIPLEXER
More results

Similar Description - TC74HC151AP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC151 STMICROELECTRONICS-M54HC151 Datasheet
248Kb / 11P
8 CHANNEL MULTIPLEXER
Feb-1993
logo
Fairchild Semiconductor
MM74HC151 FAIRCHILD-MM74HC151 Datasheet
71Kb / 7P
8-Channel Digital Multiplexer
logo
Toshiba Semiconductor
TC74ACT151P TOSHIBA-TC74ACT151P Datasheet
265Kb / 6P
8 CHANNEL MULTIPLEXER
TC74HC151AFN TOSHIBA-TC74HC151AFN Datasheet
292Kb / 7P
8 - CHANNEL MULTIPLEXER
TC74AC151F TOSHIBA-TC74AC151F Datasheet
272Kb / 6P
8 CHANNEL MULTIPLEXER
logo
STMicroelectronics
M74HC151 STMICROELECTRONICS-M74HC151_01 Datasheet
338Kb / 12P
8 CHANNEL MULTIPLEXER
Jul-2001
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F_12 Datasheet
267Kb / 8P
8-Channel Multiplexer
TC74ACT151F TOSHIBA-TC74ACT151F_12 Datasheet
264Kb / 7P
8-Channel Multiplexer
logo
Maxwell Technologies
338RPFS MAXWELL-338RPFS Datasheet
431Kb / 14P
8-CHANNEL MULTIPLEXER
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
8-Channel Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com