Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4050AF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 74HC4050AF
Description  CMOS Digital Integrated Circuit Silicon Monolithic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74HC4050AF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  74HC4050AF Datasheet HTML 1Page - Toshiba Semiconductor 74HC4050AF Datasheet HTML 2Page - Toshiba Semiconductor 74HC4050AF Datasheet HTML 3Page - Toshiba Semiconductor 74HC4050AF Datasheet HTML 4Page - Toshiba Semiconductor 74HC4050AF Datasheet HTML 5Page - Toshiba Semiconductor 74HC4050AF Datasheet HTML 6Page - Toshiba Semiconductor 74HC4050AF Datasheet HTML 7Page - Toshiba Semiconductor 74HC4050AF Datasheet HTML 8Page - Toshiba Semiconductor 74HC4050AF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC74HC4049,4050AP/AF/AFN/AFT
2007-10-01
2
Pin Assignment
NC: No connection
IEC Logic Symbol
Truth Table
A
Y (4049A)
Y (4050A)
L
H
L
H
L
H
Input and Output Equivalent Circuit
TC74HC4049A
TC74HC4050A
NC
12
NC
5Y
5A
11
10
9
16
1
2
3
4
5
6
7
3Y
3A
GND
1Y
4Y
8
6A
15
4A
6Y
2Y
2A
14
1A
13
(top view)
TC74HC4050A
VCC
(top view)
TC74HC4049A
GND
3A
Y
3
2A
Y
2
1A
Y
1
VCC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
Y
6
6A
NC
Y
5
5A
Y
4
4A
(3)
(7)
(5)
2A
4A
3A
(9)
(2)
(6)
Y
2
Y
4
(4)
(10)
Y
3
1
Y
1
1A
TC74HC4049A
(11)
6A
5A
(14)
(12)
Y
6
(15)
Y
5
(3)
(7)
(5)
2A
4A
3A
(9)
(2)
(6)
2Y
4Y
(4)
(10)
3Y
1
1Y
1A
TC74HC4050A
(11)
6A
5A
(14)
(12)
6Y
(15)
5Y
Y
VCC
GND
A
VCC
GND
A
Y



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com