Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC155AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC155AF
Description  Dual 2-to-4 Line Decoder 3-to-8 Line Decoder
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC155AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC155AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC155AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC155AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC155AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC155AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC155AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC155AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC155AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC155AF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74HC155AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC155AP,TC74HC155AF,TC74HC155AFN
Dual 2-to-4 Line Decoder 3-to-8 Line Decoder
The TC74HC155A is a high speed CMOS DUAL 2-to-4 LINE
DECODER fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
It features dual 1-to-4 line demultiplexers with individual
strobe input (1G and 2G), individual data inputs (1C and 2C) and
common binary address inputs (A and B).
When both decoders are enabled by the strobes, the inverted
output of 1C data and non-inverted output of 2C data will be
brought to the selected output pins of each section.
A 1-to-8 line demultiplexer can be easily built up by providing
a data signal to both the 1C and 2C inputs; the output order will
be 1Y3 (MSB), 1Y2, 1Y1, 1Y0, 2Y3, 2Y2, 2Y1, 2Y0 (LSB).
This device can be used as a 2-to-4 line decoder or a 3-to-8 line
decoder when 1C is held high and 2C is held low.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 12 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS155
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC155AP
TC74HC155AF
TC74HC155AFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Similar Part No. - TC74HC155AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC155AF TOSHIBA-TC74HC155AF Datasheet
281Kb / 7P
DUAL 2-TO-4 LINE DECODER / DUAL 3-TO-8 LINE DECODER
TC74HC155AFN TOSHIBA-TC74HC155AFN Datasheet
281Kb / 7P
DUAL 2-TO-4 LINE DECODER / DUAL 3-TO-8 LINE DECODER
More results

Similar Description - TC74HC155AF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC155 STMICROELECTRONICS-M54HC155 Datasheet
244Kb / 11P
DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
Dec-1992
logo
Toshiba Semiconductor
TC7MH139FK TOSHIBA-TC7MH139FK Datasheet
185Kb / 5P
DUAL 2-TO-4 LINE DECODER
TC74HC139AP TOSHIBA-TC74HC139AP Datasheet
251Kb / 6P
DUAL 2 TO 4 LINE DECODER
TC74HC155AP TOSHIBA-TC74HC155AP Datasheet
281Kb / 7P
DUAL 2-TO-4 LINE DECODER / DUAL 3-TO-8 LINE DECODER
logo
National Semiconductor ...
MM54HCT139 NSC-MM54HCT139 Datasheet
115Kb / 4P
Dual 2-To-4 Line Decoder
logo
Toshiba Semiconductor
TC74AC139P TOSHIBA-TC74AC139P Datasheet
271Kb / 6P
DUAL 2 - TO - 4 LINE DECODER
TC74HCT139AP TOSHIBA-TC74HCT139AP_07 Datasheet
283Kb / 8P
Dual 2-to-4 Line Decoder
TC7MET139AFK TOSHIBA-TC7MET139AFK_07 Datasheet
181Kb / 6P
Dual 2-to-4 Line Decoder
TC74VHC139F TOSHIBA-TC74VHC139F_07 Datasheet
227Kb / 8P
Dual 2-to-4 Line Decoder
TC74VHC139F TOSHIBA-TC74VHC139F_08 Datasheet
227Kb / 9P
Dual 2-to-4 Line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com