Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC253AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC253AF
Description  Dual 4-Channel Multiplexer with 3-State Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC253AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC253AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC253AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC253AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC253AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC253AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC253AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC253AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC253AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC253AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74HC153,253AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC153AP,TC74HC153AF,TC74HC153AFN
TC74HC253AP,TC74HC253AF,TC74HC253AFN
TC74HC153AP/AF/AFN Dula 4-Channe Multiplexer
TC74HC253AP/AF/AFN Dual 4-Channel
Multiplexer with 3-State
Output
The TC74HC153A and TC74HC253A are high speed CMOS
DUAL 4-CHANNEL MULTIPLEXERs fabricated with silicon
gate C2MOS technology.
They achieve the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
The TC74HC153A has standard outputs, while the
TC74HC253A has 3-state outputs.
Input data (1C0~1C2, 2C0~2C3) are selected by the two
address inputs, A and B.
Separate strobe inputs ( G
1 , G
2 ) are provided for each of the
two four-line sections. They can be used to inhibit the data
outputs. The output of the HC153A is set low, and the HC253A
output is set to the high impedance state, when the strobe inputs
are low.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 12 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
•
Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS153, 74LS253
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC153AP, TC74HC253AP
TC74HC153AF, TC74HC253AF
TC74HC153AFN, TC74HC253AFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Similar Part No. - TC74HC253AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC253AF TOSHIBA-TC74HC253AF Datasheet
307Kb / 7P
TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC253AFN TOSHIBA-TC74HC253AFN Datasheet
307Kb / 7P
TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74HC253AF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS353 MOTOROLA-SN54LS353 Datasheet
192Kb / 6P
DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
M54HC153 STMICROELECTRONICS-M54HC153 Datasheet
260Kb / 12P
HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC153 DUAL 4 CHANNEL MULTIPLEXER
Jan-1993
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
Dual 4-Input Multiplexer with 3-STATE Outputs
logo
AVG Semiconductors(HITE...
DV74ACT253 AVG-DV74ACT253 Datasheet
321Kb / 4P
Dual 4-Input Multiplexer with 3-State Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_00 Datasheet
102Kb / 9P
Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253_00 Datasheet
80Kb / 7P
Dual 4-Input Multiplexer with 3-STATE Outputs
logo
STMicroelectronics
M54HC253 STMICROELECTRONICS-M54HC253_04 Datasheet
229Kb / 10P
RAD-HARD DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
Apr-2004
M74HC253 STMICROELECTRONICS-M74HC253 Datasheet
355Kb / 11P
DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
Jul-2001
logo
ON Semiconductor
MC74AC253 ONSEMI-MC74AC253_15 Datasheet
103Kb / 9P
Dual 4-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com