Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC173AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC173AP
Description  Quad D-Type Register (3-state)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC173AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC173AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC173AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC173AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC173AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC173AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC173AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC173AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC173AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC173AP Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74HC173AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC173AP,TC74HC173AF
Quad D-Type Register (3-state)
The TC74HC173A is a high speed CMOS D-TYPE REGISTER
fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
It consists a 4-bit register consisting of D-type flip-flops and
3-state buffers. The four flip-flops are controlled by a common
clock input (CK) and a common clear input (CLR).
Signals applied to the data inputs (D1~D4) are stored in the
respective flip-flops on the positive going transition of CK when
clock control inputs (G1, G2) are held low.
The clear function is asynchronous to CK and active on a high
level. The stored data are enabled to each outputs when output
control inputs (M, N) are held low, else the outputs are high
impedance state.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 47 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 15 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 6 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~6 V
• Pin and function compatible with 74LS173
Pin Assignment
TC74HC173AP
TC74HC173AF
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)


Similar Part No. - TC74HC173AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
17-May-2001
More results

Similar Description - TC74HC173AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS173A MOTOROLA-SN54LS173A Datasheet
207Kb / 6P
4-BIT D-TYPE REGISTER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F173 PHILIPS-74F173 Datasheet
88Kb / 10P
Quad D-type flip-flop 3-State
1990 Aug 31
HEF4076B PHILIPS-HEF4076B Datasheet
70Kb / 7P
Quadruple D-type register with 3-state outputs
January 1995
logo
STMicroelectronics
M54HC173 STMICROELECTRONICS-M54HC173 Datasheet
262Kb / 12P
QUAD D-TYPE REGISTER 3-STATE
Oct-1992
logo
Hitachi Semiconductor
HD74HC173 HITACHI-HD74HC173 Datasheet
56Kb / 9P
4-bit D-type Register (with 3-state Outputs)
logo
National Semiconductor ...
54LS173 NSC-54LS173 Datasheet
115Kb / 4P
TRI-STATE 4-BIT D-TYPE REGISTER
logo
List of Unclassifed Man...
AM29LS18 ETC1-AM29LS18 Datasheet
291Kb / 6P
QUAD D REGISTER WITH STANDARD AND THREE-STATE OUTPUTS
logo
Integrated Device Techn...
IDT74FCT2374AT IDT-IDT74FCT2374AT Datasheet
74Kb / 7P
FAST CMOS OCTAL D REGISTER (3-STATE)
logo
Renesas Technology Corp
HD74HC173 RENESAS-HD74HC173 Datasheet
113Kb / 8P
4-bit D-type Register (with 3-state outputs)
IDT74FCT2374AT RENESAS-IDT74FCT2374AT Datasheet
244Kb / 8P
FAST CMOS OCTAL D REGISTER (3-STATE)
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com