Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC175AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC175AP
Description  Quad D-Type Flip Flop with Clear
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC175AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC175AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC175AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC175AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC175AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC175AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC175AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC175AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC175AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC175AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74HC175AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC175AP,TC74HC175AF,TC74HC175AFN
Quad D-Type Flip Flop with Clear
The TC74HC175A is a high speed CMOS D-TYPE FLIP FLOP
fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
Information signals applied to D inputs are transferred to the
Q and Q outputs on the positive going edge of the clock pulse.
When the CLR input is held low, the Q outputs are at the low
logic level and the Q outputs are at the high logic level
independent of the other inputs.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 63 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS175
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC175AP
TC74HC175AF
TC74HC175AFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Similar Part No. - TC74HC175AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC175AP TOSHIBA-TC74HC175AP Datasheet
281Kb / 7P
QUAD D - TYPE FLIP FLOP WITH CLEAR
More results

Similar Description - TC74HC175AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F Datasheet
257Kb / 7P
QUAD D-TYPE FLIP-FLOP WITH CLEAR
06-Aug-1997
logo
Fairchild Semiconductor
MM74HC175 FAIRCHILD-MM74HC175 Datasheet
76Kb / 7P
Quad D-Type Flip-Flop With Clear
logo
Toshiba Semiconductor
TC74HC175AP TOSHIBA-TC74HC175AP Datasheet
281Kb / 7P
QUAD D - TYPE FLIP FLOP WITH CLEAR
TC7MH175FK TOSHIBA-TC7MH175FK_07 Datasheet
192Kb / 7P
Quad D-Type Flip-Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_07 Datasheet
270Kb / 11P
Quad D-Type Flip Flop with Clear
logo
STMicroelectronics
M74HC175 STMICROELECTRONICS-M74HC175_01 Datasheet
428Kb / 11P
QUAD D-TYPE FLIP FLOP WITH CLEAR
Jul-2001
logo
Toshiba Semiconductor
TC74AC175F TOSHIBA-TC74AC175F_12 Datasheet
228Kb / 9P
Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_12 Datasheet
229Kb / 10P
Quad D-Type Flip Flop with Clear
logo
ON Semiconductor
MM74HC175 ONSEMI-MM74HC175 Datasheet
179Kb / 9P
Quad D-Type Flip-Flop With Clear
Revised February 1999
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F_V01 Datasheet
336Kb / 7P
QUAD D-TYPE FLIP-FLOP WITH CLEAR
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com