Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC366AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC366AP
Description  Hex Bus Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC366AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC366AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC366AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC366AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC366AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC366AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC366AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC366AP Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC74HC365,366AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC365AP,TC74HC365AF,TC74HC366AP,TC74HC366AF
Hex Bus Buffer
TC74HC365AP/AF Non-Inverted (3-state)
TC74HC366AP/AF Inverted (3-state)
The TC74HC365A and TC74HC366A are high speed CMOS
3-STATE BUFFERs fabricated with silicon gate C2MOS
technology.
They achieve the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
The TC74HC366A is an inverting type, while the TC74HC365A
is non-inverting.
All six buffers are controlled by the combination of two enable
inputs ( 1
G and 2
G ); the outputs of these buffers are enabled only
when both
1
G and 2
G
inputs held low, and at the other
combinations, these outputs are disabled to the high impedance
state.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 9 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 15 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 6 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS365/366
Pin Assignment
TC74HC365A
TC74HC366A
TC74HC365AP, TC74HC366AP
TC74HC365AF, TC74HC366AF
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)


Similar Part No. - TC74HC366AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC366AP TOSHIBA-TC74HC366AP Datasheet
255Kb / 6P
HEX BUS BUFFER
More results

Similar Description - TC74HC366AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS365A FAIRCHILD-DM74LS365A Datasheet
47Kb / 4P
Hex 3-STATE Buffer/Bus Driver
DM74LS367A FAIRCHILD-DM74LS367A Datasheet
47Kb / 4P
Hex 3-STATE Buffer/Bus Driver
logo
Toshiba Semiconductor
TC74HC367AP TOSHIBA-TC74HC367AP Datasheet
268Kb / 7P
HEX BUS BUFFER
TC74HC365AF TOSHIBA-TC74HC365AF Datasheet
255Kb / 6P
HEX BUS BUFFER
TC74HC367AP TOSHIBA-TC74HC367AP_07 Datasheet
296Kb / 9P
Hex Bus Buffer
TC7MH367FK TOSHIBA-TC7MH367FK_07 Datasheet
193Kb / 8P
HEX Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_07 Datasheet
268Kb / 11P
Hex Bus Buffer
TC74VHCT367AF TOSHIBA-TC74VHCT367AF_07 Datasheet
224Kb / 8P
Hex Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_12 Datasheet
227Kb / 10P
Hex Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_V01 Datasheet
326Kb / 7P
HEX BUS BUFFER
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com