Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JDH2S02FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # JDH2S02FS
Description  UHF Band Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDH2S02FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  JDH2S02FS Datasheet HTML 1Page - Toshiba Semiconductor JDH2S02FS Datasheet HTML 2Page - Toshiba Semiconductor JDH2S02FS Datasheet HTML 3Page - Toshiba Semiconductor JDH2S02FS Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JDH2S02FS
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
JDH2S02FS
UHF Band Mixer
• Suitable for reducing set size through the use of a two-pin small
package supporting high-density mounting
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VR
10
V
Forward current
IF
10
mA
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/Derating Concept and Methods) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 1 mA
⎯
0.24
⎯
V
Forward current
IF
VF = 0.5 V
2
⎯
⎯
mA
Reverse current
IR
VR = 0.5 V
⎯
⎯
25
μA
Capacitance
CT
VR = 0.2 V, f = 1 MHz
⎯
0.3
⎯
pF
Note: Signal level when capacitance is measured: Vsig
= 20 mVrms
Marking
Caution
This device is sensitive to electrostatic discharge. Operators should wear antistatic clothing, and containers and
other objects that come into direct contact with the product should be made of antistatic materials.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
1-1L1A
Weight: 0.0006 g (typ.)
0.2
0.1±0.05
0.6±0.05
A
0.48+0.02
-0.03
±0.05
A
M
0.07


Similar Part No. - JDH2S02FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDH2S02FS TOSHIBA-JDH2S02FS Datasheet
149Kb / 6P
Schottky Barrier Diode Silicon Epitaxial Planar
2024-01-30 Rev.2.0
JDH2S02FS TOSHIBA-JDH2S02FS_V01 Datasheet
149Kb / 6P
Schottky Barrier Diode Silicon Epitaxial Planar
2024-01-30 Rev.2.0
More results

Similar Description - JDH2S02FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS295 TOSHIBA-1SS295 Datasheet
109Kb / 2P
DIODE (UHF BAND MIXER APPLICATIONS)
1SS295 TOSHIBA-1SS295_01 Datasheet
136Kb / 3P
UHF BAND MIXER APPLICATIONS
1SS315 TOSHIBA-1SS315_07 Datasheet
207Kb / 3P
UHF Band Mixer Applications
JDH2S01FS TOSHIBA-JDH2S01FS Datasheet
126Kb / 4P
UHF Band Mixer
logo
Guangdong Kexin Industr...
1SS295 KEXIN-1SS295 Datasheet
34Kb / 1P
UHF BAND MIXER APPLICATIONS
1SS315 KEXIN-1SS315 Datasheet
31Kb / 1P
UHF BAND MIXER APPLICATIONS
logo
Toshiba Semiconductor
JDH2S02SC TOSHIBA-JDH2S02SC Datasheet
179Kb / 4P
UHF Band Mixer
JDH2S03S TOSHIBA-JDH2S03S Datasheet
191Kb / 3P
UHF Band Mixer
1SS315TPH3F TOSHIBA-1SS315TPH3F Datasheet
130Kb / 3P
UHF Band Mixer Applications
logo
Zhaoxingwei Electronics...
JDH2S01FS ZHAOXINGWEI-JDH2S01FS Datasheet
224Kb / 3P
UHF Band Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com