Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP701 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP701
Description  IGBT/Power MOS FET gate drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP701 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP701 Datasheet HTML 1Page - Toshiba Semiconductor TLP701 Datasheet HTML 2Page - Toshiba Semiconductor TLP701 Datasheet HTML 3Page - Toshiba Semiconductor TLP701 Datasheet HTML 4Page - Toshiba Semiconductor TLP701 Datasheet HTML 5Page - Toshiba Semiconductor TLP701 Datasheet HTML 6Page - Toshiba Semiconductor TLP701 Datasheet HTML 7Page - Toshiba Semiconductor TLP701 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP701
2007-10-01
1
Unit in mm
Weight:0.26 g (t yp.)
4.58±0.25
9.7±0.3
0.4±0.1
1.27±0.2
1.25±0.25
7.62±0.25
1 2 3
6 5 4
11-5J1
TOSHIBA
11-5J1
TOSHIBA Photocoupler GaAℓAs IRED + Photo IC
TLP701
Industrial inverters
Inverter for air conditioners
IGBT/Power MOS FET gate drive
TLP701 consists of a GaAℓAs light-emitting diode and an integrated
photodetector.
This unit is 6-lead SDIP package. The TLP701 is 50% smaller than the 8-pin
DIP and meets the reinforced insulation class requirements of international safety
standards. Therefore the mounting area can be reduced in equipment requiring
safety standard certification.
The TLP701 is suitable for gate driving circuits for IGBTs or power MOSFETs.
In particular, the TLP701 is capable of “direct” gate driving of low-power IGBTs.
• Peak output current
: ±0.6 A (max)
• Guaranteed performance over temperature : −40 to 100°C
• Supply current
: 2 mA (max)
• Power supply voltage
: 10 to 30 V
• Threshold input current
: IFLH = 5 mA (max)
• Switching time (tpLH / tpHL)
: 700 ns (max)
• Common mode transient immunity
: ±10 kV/μs (min)
• Isolation voltage
: 5000 Vrms (min)
• Construction mechanical rating
7.62-mm pitch
standard type
10.16-mm pitch
TLPXXXF type
Creepage Distance
Clearance
Insulation Thickness
7.0 mm (min)
7.0 mm (min)
0.4 mm (min)
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)
•
UL Recognized
: UL1577, File No. E67349
•
Option (D4)
TÜV approved
: EN60747-5-2
Certificate No. R50033433
Maximum operating insulation voltage : 890 Vpk
Highest permissible over voltage
: 8000 Vpk
( Note ) When a EN60747-5-2 approved type is needed,
please designate the “Option(D4)”
Truth Table
Input
LED
Tr1
Tr2
Output
H
ON
ON
OFF
H
L
OFF
OFF
ON
L
1: ANODE
2: NC
3: CATHODE
4: GND
5: VO ( OUTPUT )
6: VCC
1
3
4
5
6
2
SHIELD
Pin Configuration (Top View)
A 0.1-
μF bypass capacitor must be connected
between pins 6 and 4. (See Note 6.)
1
+
3
−
VCC
VO
GND
(Tr1)
(Tr2)
ICC
IO
IF
VF
6
5
4
SHIELD
Schematic


Similar Part No. - TLP701

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
TLP701A TOSHIBA-TLP701A Datasheet
389Kb / 16P
Photocouplers GaA-As Infrared LED and Photo IC
TLP701F TOSHIBA-TLP701F Datasheet
104Kb / 2P
Inverter for Air Conditioners
More results

Similar Description - TLP701

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP250 TOSHIBA-TLP250 Datasheet
334Kb / 8P
TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250F TOSHIBA-TLP250F Datasheet
135Kb / 3P
TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
logo
Sharp Corporation
PC923 SHARP-PC923 Datasheet
86Kb / 6P
High Speed Photocoupler for MOS-FET / IGBT Drive
logo
Toshiba Semiconductor
TLP350 TOSHIBA-TLP350 Datasheet
141Kb / 6P
Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
TLP250INV TOSHIBA-TLP250INV Datasheet
224Kb / 6P
TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
TLP705 TOSHIBA-TLP705 Datasheet
145Kb / 6P
Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive
TLP351 TOSHIBA-TLP351 Datasheet
241Kb / 9P
Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-500E AVAGO-HCPL-3100-500E Datasheet
429Kb / 14P
Power MOSFET/IGBT Gate Drive Optocouplers
logo
Toshiba Semiconductor
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
Isolated IGBT/Power MOSFET gate drive
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com