Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC4538AP Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74HC4538AP
Description  Dual Retriggerable Monostable Multivibrator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4538AP Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74HC4538AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC4538AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC4538AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4538AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4538AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4538AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4538AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4538AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4538AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TC74HC4538AP/AF/AFN/AFT
2007-10-01
2
Pin Assignment
IEC Logic Symbol
Truth Table
Inputs
Outputs
A
B
CD
Q
Q
Note
H
H
Output Enable
X
L
H
L
H
Inhibit
H
X
H
L
H
Inhibit
L
H
Output Enable
X
X
L
L
H
Reset
X: Don’t care
VCC
16
2T1
2T2
2Q
15
14
13
12
11
10
1
2
3
4
5
6
7
1A
1Q
GND
8
B
2
9
2A
(top view)
1T2
CD
1
B
1
CD
2
Q
2
1T1
Q
1
&
(5)
(4)
(3)
(2)
(1)
1T1
1T2
(6)
1Q
CD
1
B
1
1A
R
(7)
Q
1
CX
RX/CX
(11)
(12)
(13)
(14)
(15)
2T1
2T2
(10)
2Q
CD
2
B
2
2A
(9)
Q
2
R
CX
RX/CX
&



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com