Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1587 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # A1587
Description  Audio Frequency General Purpose Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

A1587 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  A1587 Datasheet HTML 1Page - Toshiba Semiconductor A1587 Datasheet HTML 2Page - Toshiba Semiconductor A1587 Datasheet HTML 3Page - Toshiba Semiconductor A1587 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA1587
2007-11-01
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1587
Audio Frequency General Purpose Amplifier Applications
• High voltage: VCEO = −120 V
• Excellent hFE linearity: hFE (IC = −0.1 mA)/hFE (IC = −2 mA)
= 0.95 (typ.)
• High hFE: hFE = 200~700
• Low noise: NF = 1dB (typ.), 10dB (max)
• Complementary to 2SC4117
• Small package
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−120
V
Collector-emitter voltage
VCEO
−120
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−100
mA
Base current
IB
−20
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −120 V, IE = 0
⎯
⎯
−0.1
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
⎯
⎯
−0.1
μA
DC current gain
hFE
(Note)
VCE = −6 V, IC = −2 mA
200
⎯
700
Collector-emitter saturation voltage
VCE (sat)
IC = −10 mA, IB = −1 mA
⎯
⎯
−0.3
V
Transition frequency
fT
VCE = −6 V, IC = −1 mA
⎯
100
⎯
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
⎯
4
⎯
pF
Noise figure
NF
VCE = −6 V, IC = −0.1 mA, f = 1 kHz,
Rg
= 10 kΩ
⎯
1.0
10
dB
Note: hFE classification GR (G): 200~400, BL (L): 350~700
( ) marking symbol
Marking
Unit: mm
JEDEC
―
JEITA
SC-70
TOSHIBA
2-2E1A
Weight: 0.006 g (typ.)


Similar Part No. - A1587

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A158 ETC2-A158 Datasheet
654Kb / 16P
MISCELLANEOUS HARDWARE-ACCESSORIES
A158 ETC2-A158 Datasheet
657Kb / 17P
TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
DB Lectro Inc
A1580BA1 DBLECTRO-A1580BA1 Datasheet
233Kb / 1P
LOW PROFILE HIGH DENSITY DIP PLUG
A1580BB1 DBLECTRO-A1580BB1 Datasheet
233Kb / 1P
LOW PROFILE HIGH DENSITY DIP PLUG
A1580BC1 DBLECTRO-A1580BC1 Datasheet
233Kb / 1P
LOW PROFILE HIGH DENSITY DIP PLUG
More results

Similar Description - A1587

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1832FT TOSHIBA-2SA1832FT Datasheet
127Kb / 3P
Audio frequency General Purpose Amplifier Applications
2SA1162 TOSHIBA-2SA1162_07 Datasheet
391Kb / 3P
Audio Frequency General Purpose Amplifier Applications
HN2A01FU TOSHIBA-HN2A01FU_07 Datasheet
237Kb / 3P
Audio Frequency General Purpose Amplifier Applications
2SA1586 TOSHIBA-2SA1586_07 Datasheet
382Kb / 3P
Audio Frequency General Purpose Amplifier Applications
HN4B06J TOSHIBA-HN4B06J Datasheet
500Kb / 8P
Audio Frequency General Purpose Amplifier Applications
HN4C06J TOSHIBA-HN4C06J Datasheet
299Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC2713-BL TOSHIBA-2SC2713-BL Datasheet
278Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC2713-GR TOSHIBA-2SC2713-GR Datasheet
278Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SA1586-GR TOSHIBA-2SA1586-GR Datasheet
207Kb / 3P
Audio Frequency General Purpose Amplifier Applications
2SC4738-GR TOSHIBA-2SC4738-GR Datasheet
211Kb / 3P
Audio Frequency General Purpose Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com