Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1735 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA1735
Description  Power Amplifier Applications Power Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1735 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA1735 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1735 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1735 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1735 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1735
2006-11-09
3
IC – VBE
PC – Ta
IC – VCE
hFE – IC
Collector current IC (mA)
Collector-emitter voltage VCE (V)
Base-emitter voltage VBE (V)
Ambient temperature Ta (°C)
−1
1000
−10
−300
−3
300
Common emitter
VCE = −2 V
30
−30
−100
1
Ta
= 100°C
100
25
−25
10
−1000 −3000
3
−10
0
−20
−4
0
Common emitter
Ta
= 25°C
−1.0
IB = −1 mA
−16
−8
−1.2
−0.8
−0.2
−12
0
−2
−0.4
−8
−6
−4
−3
−1.0
0
−1.6
−0.8
−0.4
0
−0.4
−1.2
Common emitter
VCE = −2 V
−0.8
−1.2
−25
Ta
= 100°C
−0.2
−0.6
−2.0
−1.0
25
(1)
0
160
100
140
40
80
0
0.6
0.2
0.8
0.4
1.2
20
(1) Mounted on a ceramic substrate
(250 mm
2 × 0.8 t)
(2) No heat sink
(2)
1.0
60
120



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com