Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB908 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SB908
Description  Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SB908 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SB908 Datasheet HTML 1Page - Toshiba Semiconductor 2SB908 Datasheet HTML 2Page - Toshiba Semiconductor 2SB908 Datasheet HTML 3Page - Toshiba Semiconductor 2SB908 Datasheet HTML 4Page - Toshiba Semiconductor 2SB908 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SB908
2006-11-21
3
VCE (sat) – IC
VBE (sat) – IC
IC – VCE
hFE – IC
IC – VCE
IC – VCE
Collector-emitter voltage VCE (V)
Collector-emitter voltage VCE (V)
Collector-emitter voltage VCE (V)
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
−3
0
0
−1
−2
−3
−5
−6
−4
−1
−4
−5
Common emitter
Tc = 25°C
IB = −200 μA
−450
−300
−500
−400
−350
0
−250
IB = −125 μA
−250
−200
−300
−175
Common emitter
Tc = 100°C
−3
0
0
−1
−2
−3
−5
−6
−4
−1
−2
−4
−5
0
−150
Common emitter
VCE = −2 V
300
−0.1
10000
500
1000
3000
5000
−0.3
−1
−10
−3
Tc = 100°C
−55
25
0
0
IB = −400 μA
−700
−800
−500
0
Common emitter
Tc = −55°C
−3
−1
−2
−3
−5
−6
−4
−1
−2
−4
−5
−600
−10
−0.5
−0.1
Common emitter
IC/IB = 500
−0.3
−1
−3
−5
−3
−1
Tc = −55°C
100
25
−0.3
−0.1
−5
Common emitter
IC/IB = 500
−3
−1
−0.5
−0.3
−1
−3
Tc = −55°C
100
25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com