Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP558 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP558
Description  Microprocessor System Interfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP558 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP558_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP558_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP558_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP558_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP558_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP558_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP558_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP558
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs IRed & Photo IC
TLP558
Isolated Bus Driver
High Speed Line Receiver
Microprocessor System Interfaces
MOS FET Gate Driver
Transistor Inverter
The TOSHIBA TLP558 consists of a GaAℓAs light emitting diode and
integrated high gain, high speed photodetector.
This unit is 8−lead DIP package.
The detector has a three state output stage that provides source drive
and sink drive, and built−in schmitt trigger. The detector IC has an
internal shield that provides a guaranteed common mode transient
immunity of 1000V / μs. TLP558 is inverter logic type. For buffer logic
type, TLP555 is in line−up.
Input current
: IF=1.6mA(max.)
Power supply voltage: VCC=4.5~20V
Switching speed: tpHL, tpLH=400ns(max.)
Common mode transient immunity: ±1000V /
μs(min.)
Guaranteed performance over temperature:
−25~85°C
Isolation voltage: 2500Vrms(min.)
UL recognized: UL1577, file No. E67349
Truth Table (positive logic)
Input
Enable
Output
H
H
L
L
H
H
H
L
Z
L
L
Z
A 0.1μF bypass capacitor must be connected
between pins 8 and 5 (see Note 9).
Pin Configuration(top view)
1 : NC
2 : Anode
3 : Cathode
4 : NC
5 : GND
6 : VO(Output)
7 : VE(Enable)
8 : VCC
1
2
6
8
3
VCC
GND
Shield
5
4
7
Schematic
Shield
2
3
6
VCC
VO
−
+
IO
VE
5
7
8
IE
ICC
IF
VF
GND
Unit in mm
TOSHIBA
11−10C4
Weight: 0.54 g


Similar Part No. - TLP558_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP558 TOSHIBA-TLP558 Datasheet
215Kb / 7P
Isolated Bus Driver High Speed Line Receiver Microprocessor System Interfaces MOS FET Gate Driver Transistor Inverter
More results

Similar Description - TLP558_07

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
Microprocessor Power Supply System
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
LM79 NSC-LM79 Datasheet
481Kb / 31P
Microprocessor System Hardware Monitor
logo
Toshiba Semiconductor
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP719 TOSHIBA-TLP719_07 Datasheet
205Kb / 7P
Microprocessor system interfaces
TLP651 TOSHIBA-TLP651_07 Datasheet
477Kb / 7P
Microprocessor System Interfaces
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP715 TOSHIBA-TLP715_14 Datasheet
292Kb / 9P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP718 TOSHIBA-TLP718_15 Datasheet
582Kb / 9P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
logo
Xilinx, Inc
DS583 XILINX-DS583 Datasheet
658Kb / 15P
System ACE Microprocessor Interface
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com