Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP557 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP557
Description  Inverter For Air Conditioner
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP557 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP557 Datasheet HTML 1Page - Toshiba Semiconductor TLP557 Datasheet HTML 2Page - Toshiba Semiconductor TLP557 Datasheet HTML 3Page - Toshiba Semiconductor TLP557 Datasheet HTML 4Page - Toshiba Semiconductor TLP557 Datasheet HTML 5Page - Toshiba Semiconductor TLP557 Datasheet HTML 6Page - Toshiba Semiconductor TLP557 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP557
2007-10-01
4
Electrical Characteristics (Ta = −30~70°C , unless otherwise specified)
Characteristic
Symbol
Test Condition
Min.
Typ.*
Max.
Unit
Test
Cir
−
cuit
Input forward voltage
VF
IF = 5mA , Ta = 25°C
―
1.55
1.7
V
Temperature coefficient
of forward voltage
ΔVF / ΔTa
IF = 5mA
―
−2.0
―
mV / °C
Input reverse current
IR
VR = 5V, Ta = 25°C
―
―
10
μA
Input capacitance
CT
V = 0 , f = 1MHz , Ta = 25°C
―
―
250
pF
O1 Output leakage current
IO1L
VCC = 16V, VO1 = 0, VF = 0.8V
―
0.01
200
μA
1
O2 Output leakage current
IO2L
VCC = 16V, VO2 = 16V,
IF = 5mA
―
0.2
200
μA
2
VCC = 6V
0.22
0.27
0.32
O1 Output current
IO
V8−6 = 2.3V
Rex = 2.7Ω
IF = 5mA, Ta = 25°C
VCC = 16V
0.22
0.27
0.32
A
3
O2 High level output
voltage
VOH
VCC = 6V, Rex = 2.7Ω
IF = 5mA
3.5
5.5
―
V
4
VCC = 6V
―
0.2
0.4
VF = 0.8V, Rex = 2.7Ω
IO = 0.25A, Ta = 25°C VCC = 16V
―
0.2
0.4
V
VCC = 6V
―
0.4
―
O2 Low level output
voltage
VOL
VF = 0.8V, Rex = 2.7Ω
IO = 0.5A (*1)
Ta = 25°C
VCC = 16V
―
0.4
―
V
5
VCC = 6V, IF = 5mA
Rex = 2.7Ω, Ta = 25°C
―
3.8
10
VCC = 6V, IF = 5mA, Rex = 2.7Ω
―
―
13
High level supply current
ICCH
VCC = 16V, IF = 5mA, Rex = 2.7Ω
―
5.2
17
mA
VCC = 6V, IF = 0mA
Rex = 2.7Ω, Ta = 25°C
―
11
17
VCC = 6V, IF = 0mA, Rex = 2.7Ω
―
―
22
Low level supply current
ICCL
VCC = 16V, IF = 0mA, Rex = 2.7Ω
―
13
25
mA
VCC = 6V
―
2.5
5
“Output L→H” threshold
input current
IFLH
Rex = 2.7Ω
IO = 0.25A
VO2 > 3V
VCC = 16V
―
―
5
mA
VCC = 6V
0.8
―
―
“Output H→L” threshold
input current
VFHL
Rex = 2.7Ω
IO = 0.25A
VO2 < 0.4V
VCC = 16V
0.8
―
―
V
Input current hysterisis
IHYS
VCC = 6V, Rex = 2.7Ω, Ta = 25°C
―
0.05
―
mA
Supply voltage
VCC
5
―
16
V
Capacitance (input
−output)
CS
VS = 0, f = 1MHz, Ta = 25°C
―
1.0
2.0
pF
Resistance (input
−output)
RS
VS = 500V , Ta = 25℃, R.H.≤ 60%
5×10
10
10
12
―
Ω
* All typical values are at Ta = 25°C
(*1): Duration of IO time ≤ 100μs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com