Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3K7002F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3K7002F
Description  High-Speed Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K7002F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3K7002F Datasheet HTML 1Page - Toshiba Semiconductor SSM3K7002F Datasheet HTML 2Page - Toshiba Semiconductor SSM3K7002F Datasheet HTML 3Page - Toshiba Semiconductor SSM3K7002F Datasheet HTML 4Page - Toshiba Semiconductor SSM3K7002F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM3K7002F
2007-11-01
1
TOSHIBA Field-Effect Transistor Silicon N Channel MOS Type
SSM3K7002F
High-Speed Switching Applications
Analog Switch Applications
• Small package
• Low ON-resistance
: Ron = 3.3 Ω (max) (@VGS = 4.5 V)
: Ron = 3.2 Ω (max) (@VGS = 5 V)
: Ron = 3.0 Ω (max) (@VGS = 10 V)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDS
60
V
Gate-source voltage
VGSS
± 20
V
DC
ID
200
Drain current
Pulse
IDP
800
mA
Drain power dissipation (Ta
= 25°C)
PD
200
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Gate leakage current
IGSS
VGS = ± 20 V, VDS = 0
⎯
⎯
± 10
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 0.1 mA, VGS = 0
60
⎯
⎯
V
Drain cutoff current
IDSS
VDS = 60 V, VGS = 0
⎯
⎯
1
μA
Gate threshold voltage
Vth
VDS = 10 V, ID = 0.25 mA
1.0
⎯
2.5
V
Forward transfer admittance
⎪Yfs⎪
VDS = 10 V, ID = 200 mA
170
⎯
⎯
mS
ID = 500 mA, VGS = 10 V
⎯
2.0
3.0
ID = 100 mA, VGS = 5 V
⎯
2.1
3.2
Drain-source ON-resistance
RDS (ON)
ID = 100 mA, VGS = 4.5 V
⎯
2.2
3.3
Ω
Input capacitance
Ciss
⎯
17
⎯
pF
Reverse transfer capacitance
Crss
⎯
1.4
⎯
pF
Output capacitance
Coss
VDS = 25 V, VGS = 0, f = 1 MHz
⎯
5.8
⎯
pF
Turn-on delay time
td(on)
⎯
2.4
4.0
Switching time
Turn-off delay time
td(off)
VDD = 30 V , ID = 200 mA ,
VGS = 0 to 10 V
⎯
26
40
ns
Unit: mm
S-MINI
1
23
1.5-0.15
+0.25
2.5-0.3
+0.5
1.Gate
2.Source
3.Drain
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
2-3F1F
Weight: 0.012 g (typ.)


Similar Part No. - SSM3K7002F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K7002F TOSHIBA-SSM3K7002F Datasheet
277Kb / 5P
High-Speed Switching Applications
logo
VBsemi Electronics Co.,...
SSM3K7002F VBSEMI-SSM3K7002F Datasheet
1,004Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
Toshiba Semiconductor
SSM3K7002FU TOSHIBA-SSM3K7002FU Datasheet
162Kb / 5P
High Speed Switching Applications
logo
VBsemi Electronics Co.,...
SSM3K7002FU VBSEMI-SSM3K7002FU Datasheet
1,014Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
Toshiba Semiconductor
SSM3K7002F TOSHIBA-SSM3K7002F_05 Datasheet
277Kb / 5P
High-Speed Switching Applications
More results

Similar Description - SSM3K7002F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
High Speed Switching Applications Analog Switching Applications
2SJ344 TOSHIBA-2SJ344_07 Datasheet
580Kb / 5P
High Speed Switching Applications
2SJ346 TOSHIBA-2SJ346_07 Datasheet
568Kb / 5P
High Speed Switching Applications
1SS419 TOSHIBA-1SS419 Datasheet
122Kb / 3P
High-Speed Switching Applications
SSM3K04FV TOSHIBA-SSM3K04FV Datasheet
527Kb / 5P
High Speed Switching Applications
SSM3K15FU TOSHIBA-SSM3K15FU_07 Datasheet
202Kb / 5P
High Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC4522 KEXIN-2SC4522 Datasheet
45Kb / 2P
High-Speed Switching Applications
logo
Toshiba Semiconductor
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
High-Speed Switching Applications Analog Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com