Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0803668 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803668
Description  TMP/ACCU - Battery
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803668 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803668 Datasheet HTML 1Page - PHOENIX CONTACT 0803668 Datasheet HTML 2Page - PHOENIX CONTACT 0803668 Datasheet HTML 3Page - PHOENIX CONTACT 0803668 Datasheet HTML 4Page - PHOENIX CONTACT 0803668 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Printing system accessories
Battery-operated voltage
18.00 V
Electrical properties
Battery
Battery capacity
2.10 Ah
Energy storage
Battery capacity
2.1 Ah
Battery technology
NiMH
Environmental and real-life conditions
Ambient conditions
Recommended storage conditions
0 ... 45 °C / 45 ... 85 % relative humidity.
TMP/ACCU - Battery
0803668
https://www.phoenixcontact.com/us/products/0803668
Apr 24, 2025, 6:42AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com