Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0805002 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0805002
Description  THERMOFOX/CASE - Case
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0805002 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0805002 Datasheet HTML 1Page - PHOENIX CONTACT 0805002 Datasheet HTML 2Page - PHOENIX CONTACT 0805002 Datasheet HTML 3Page - PHOENIX CONTACT 0805002 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Hard-top case for storing the THERMOFOX printer and accessory parts
Commercial data
Item number
0805002
Packing unit
1 pc
Note
Made to order (non-returnable)
Sales key
BG03
Product key
BG122Z
Catalog page
Page 43 (C-3-2019)
GTIN
4055626268569
Weight per piece (including packing)
962 g
Weight per piece (excluding packing)
962 g
Customs tariff number
42021250
Country of origin
DE
THERMOFOX/CASE - Case
0805002
https://www.phoenixcontact.com/us/products/0805002
Apr 24, 2025, 6:42AM
Page 1 (4)


Similar Part No. - 0805002

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805001 PHOENIX-0805001 Datasheet
51Kb / 2P
Zack marker strip - ZB 4 :UNBEDRUCKT
0805003 PHOENIX-0805003 Datasheet
403Kb / 2P
Transport bag - THERMOMARK GO.K BAG
0805004 PHOENIX-0805004 Datasheet
177Kb / 4P
THERMOMARK GO.K BELT CLIP - Fastening clip
0805008 PHOENIX-0805008 Datasheet
177Kb / 4P
THERMOMARK GO.K MAGNET HOLDER - Mounting unit
0805009 PHOENIX-0805009 Datasheet
305Kb / 25P
Thermal transfer printer set - THERMOMARK GO SET
More results

Similar Description - 0805002

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
HP1 CTS-HP1 Datasheet
541Kb / 7P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
HP3 CTS-HP3 Datasheet
430Kb / 6P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B3 CTS-LA-B3 Datasheet
221Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B4 CTS-LA-B4 Datasheet
300Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B1 CTS-LB66B1 Datasheet
196Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B2 CTS-LB66B2 Datasheet
171Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A1 CTS-LA-A1 Datasheet
87Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
logo
PHOENIX CONTACT
1229456 PHOENIX-1229456 Datasheet
45Kb / 1P
Case - THERMOMARK GO CASE
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
Case - TMP CASE
09/11/2020
2906272 PHOENIX-2906272 Datasheet
50Kb / 2P
Transport case - PA-CASE 2
12/24/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com